Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVR100AD-B5V0 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PVR100AD-B5V0
Description  Voltage regulator series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PVR100AD-B5V0 Datasheet(HTML) 4 Page - NXP Semiconductors

  PVR100AD-B5V0 Datasheet HTML 1Page - NXP Semiconductors PVR100AD-B5V0 Datasheet HTML 2Page - NXP Semiconductors PVR100AD-B5V0 Datasheet HTML 3Page - NXP Semiconductors PVR100AD-B5V0 Datasheet HTML 4Page - NXP Semiconductors PVR100AD-B5V0 Datasheet HTML 5Page - NXP Semiconductors PVR100AD-B5V0 Datasheet HTML 6Page - NXP Semiconductors PVR100AD-B5V0 Datasheet HTML 7Page - NXP Semiconductors PVR100AD-B5V0 Datasheet HTML 8Page - NXP Semiconductors PVR100AD-B5V0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PVR100AD-B_SER_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2006
4 of 17
NXP Semiconductors
PVR100AD-B series
Voltage regulator series
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
NPN transistor
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
45
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
0.1
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
0.2
A
IBM
peak base current
single pulse;
tp ≤ 1ms
-
0.2
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
300
mW
[2] -
380
mW
[3] -
480
mW
Zener diode
IF
forward current
-
200
mA
IZSM
non-repetitive peak reverse
current
VZ <6V
-
6
A
VZ = 13 V
-
2.5
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
140
mW
Voltage regulator
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
380
mW
[2] -
460
mW
[3] -
580
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C


Similar Part No. - PVR100AD-B5V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PVR100AZ-B NXP-PVR100AZ-B Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
PVR100AZ-B12V NXP-PVR100AZ-B12V Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
PVR100AZ-B2V5 NXP-PVR100AZ-B2V5 Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
PVR100AZ-B3V0 NXP-PVR100AZ-B3V0 Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
PVR100AZ-B3V3 NXP-PVR100AZ-B3V3 Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
More results

Similar Description - PVR100AD-B5V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PVR100AZ-B NXP-PVR100AZ-B Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
logo
Billiton Ltd.
TP72 ASIC-TP72 Datasheet
146Kb / 7P
   Series voltage differential voltage regulator
logo
SHOUDING Shouding Semic...
SD5088 SHOUDING-SD5088 Datasheet
2Mb / 9P
   Series low-voltage differential voltage regulator
logo
Interpion semiconductor
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1532 INTERPION-IP1532 Datasheet
422Kb / 16P
   TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
logo
List of Unclassifed Man...
ML62 ETC-ML62 Datasheet
637Kb / 14P
   ML62 Series Positive Voltage Regulator
logo
Interpion semiconductor
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1522 INTERPION-IP1522 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com