Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5322 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # Si5322
Description  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5322 Datasheet(HTML) 4 Page - Silicon Laboratories

  Si5322 Datasheet HTML 1Page - Silicon Laboratories Si5322 Datasheet HTML 2Page - Silicon Laboratories Si5322 Datasheet HTML 3Page - Silicon Laboratories Si5322 Datasheet HTML 4Page - Silicon Laboratories Si5322 Datasheet HTML 5Page - Silicon Laboratories Si5322 Datasheet HTML 6Page - Silicon Laboratories Si5322 Datasheet HTML 7Page - Silicon Laboratories Si5322 Datasheet HTML 8Page - Silicon Laboratories Si5322 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Si5317
4
Preliminary Rev. 0.15
1. Electrical Specifications
Table 1. Recommended Operating Conditions
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature Range
TA
–40
25
85
ºC
Supply Voltage
VDD
3.3 V nominal
2.97
3.3
3.63
V
2.5 V nominal
2.25
2.5
2.75
V
1.8 V nominal
1.71
1.8
1.89
V
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise noted.
Table 2. DC Characteristics
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Supply Current (Supply
current is independent of
VDD)
IDD
LVPECL Format
622.08 MHz Out
All CKOUTs Enabled1
251
279
mA
LVPECL Format
622.08 MHz Out
Only 1 CKOUT Enabled1
217
243
mA
CMOS Format
19.44 MHz Out
All CKOUTs Enabled2
204
234
mA
CMOS Format
19.44 MHz Out
Only CKOUT1 Enabled2
194
220
mA
CKIN Input Pin
Input Common Mode
Voltage
(Input Threshold Voltage)
VICM
1.8 V ± 5%
0.9
1.4
V
2.5 V ± 10%
1.0
1.7
V
3.3 V ± 10%
1.1
1.95
V
Input Resistance
CKNRIN
Single-ended
20
40
60
k
Input Voltage Level Limits
CKNVIN
See note 3
0—
VDD
V
Single-ended Input Voltage
Swing
VISE
fCKIN < 212.5 MHz
See Figure 2.
0.2
VPP
fCKIN > 212.5 MHz
See Figure 2.
0.25
VPP
Notes:
1. LVPECL outputs require VDD > 2.25 V.
2. This is the amount of leakage that the 3L inputs can tolerate from an external driver. See Figure 3 on page 9. In most
designs, an external resistor voltage divider is recommended.
3. No overshoot or undershoot.


Similar Part No. - Si5322

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5322-C-GM SKYWORKS-SI5322-C-GM Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322/23-EVB SKYWORKS-SI5322/23-EVB Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results

Similar Description - Si5322

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5317 SKYWORKS-SI5317 Datasheet
1Mb / 46P
   PIN-CONTROLLED 1–711 MHZ JITTER CLEANING CLOCK
Rev. 1.1
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Texas Instruments
LMK1D1204P TI-LMK1D1204P Datasheet
1Mb / 33P
[Old version datasheet]   LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
SNAS830 ??SEPTEMBER 2021
LMK1D1208P TI-LMK1D1208P Datasheet
2Mb / 31P
[Old version datasheet]   LMK1D1208P Pin-Controlled OE Low Additive Jitter LVDS Buffer
OCTOBER 2021
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
   Cleaning pen - CLEANING STICK
09/12/2020
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com