Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8220DD-A-IS Datasheet(PDF) 4 Page - Silicon Laboratories

Part # Si8220DD-A-IS
Description  0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8220DD-A-IS Datasheet(HTML) 4 Page - Silicon Laboratories

  Si8220DD-A-IS Datasheet HTML 1Page - Silicon Laboratories Si8220DD-A-IS Datasheet HTML 2Page - Silicon Laboratories Si8220DD-A-IS Datasheet HTML 3Page - Silicon Laboratories Si8220DD-A-IS Datasheet HTML 4Page - Silicon Laboratories Si8220DD-A-IS Datasheet HTML 5Page - Silicon Laboratories Si8220DD-A-IS Datasheet HTML 6Page - Silicon Laboratories Si8220DD-A-IS Datasheet HTML 7Page - Silicon Laboratories Si8220DD-A-IS Datasheet HTML 8Page - Silicon Laboratories Si8220DD-A-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Si8220/21
4
Rev. 0.22
1. Electrical Specifications
Table 1. Electrical Characteristics 1
VDD =12V or 15 V, VSS = GND, TA = –40 to +125 °C; typical specs at 25 °C.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Specifications
Power supply voltage
VDD
(VDD – VSS)6.5
24
V
Input current (ON)
IF(ON)
5.0
20
mA
Input current rising edge
hysteresis
IHYS
—1.0
mA
Input voltage (OFF)
VF(OFF)
Measured at ANODE with
respect to CATHODE.
0.6
1.6
V
Input forward voltage
VF
Measured at ANODE with
respect to CATHODE.
IF =5 mA.
1.7
2.5
V
Output resistance high (source)
ROH
0.5 A devices
15
2.5 A devices
2.7
Output resistance low (sink)
ROL
0.5 A devices
5.0
2.5 A devices
1.0
Output high current (source)
IOH
(0.5 A), IF =0
(see Figure 2)
—0.3
A
(2.5 A), IF =0
(see Figure 2)
—1.5
Output low current (sink)
IOL
(0.5 A), IF =10mA,
(see Figure 1)
—0.5
A
(2.5 A), IF =10mA,
(see Figure 1)
—2.5
High-level output voltage
VOH
(0.5 A), I OUT = –50 mA
VDD–0.5
V
(2.5 A), I OUT = –50 mA
VDD–0.1
Low-level output voltage
VOL
(0.5 A), I OUT =50mA
200
mV
(2.5 A), I OUT =50mA
50
High level supply current
Output open IF =10mA
1.2
mA
Low level supply current
Output open
VF = –0.6 to +1.6 V
—1.4
mA
Input reverse voltage
BVR
IR =10 mA.
Measured at ANODE with
respect to CATHODE.
0.5
V
Input capacitance
CIN
—5
pF
Notes:
1. VDD = 12 V for 5, 8, and 10 V UVLO devices; VDD = 15 V for 12.5 V UVLO devices.
2. See "9.Ordering Guide" on page 21 for more information.


Similar Part No. - Si8220DD-A-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8220DD-D-IS SKYWORKS-SI8220DD-D-IS Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
More results

Similar Description - Si8220DD-A-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
logo
Skyworks Solutions Inc.
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Texas Instruments
ISOM8710 TI-ISOM8710_V03 Datasheet
1Mb / 34P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED SEPTEMBER 2023
ISOM8710 TI1-ISOM8710_V02 Datasheet
1Mb / 30P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com