Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVR100AD-B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PVR100AD-B
Description  Voltage regulator series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PVR100AD-B Datasheet(HTML) 2 Page - NXP Semiconductors

  PVR100AD-B Datasheet HTML 1Page - NXP Semiconductors PVR100AD-B Datasheet HTML 2Page - NXP Semiconductors PVR100AD-B Datasheet HTML 3Page - NXP Semiconductors PVR100AD-B Datasheet HTML 4Page - NXP Semiconductors PVR100AD-B Datasheet HTML 5Page - NXP Semiconductors PVR100AD-B Datasheet HTML 6Page - NXP Semiconductors PVR100AD-B Datasheet HTML 7Page - NXP Semiconductors PVR100AD-B Datasheet HTML 8Page - NXP Semiconductors PVR100AD-B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PVR100AD-B_SER_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2006
2 of 17
NXP Semiconductors
PVR100AD-B series
Voltage regulator series
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Zener diode
VZ
working voltage
IZ =5mA
PVR100AD-B2V5
3.23
3.3
3.37
V
PVR100AD-B3V0
3.53
3.6
3.67
V
PVR100AD-B3V3
3.82
3.9
3.98
V
PVR100AD-B5V0
5.49
5.6
5.71
V
PVR100AD-B12V
12.7
13
13.3
V
Voltage regulator
VO
output voltage
IO =10mA
[1]
PVR100AD-B2V5
VI = 4.5 V; Ictrl = 3.5 mA
2.25
2.5
2.75
V
PVR100AD-B3V0
VI =5V; Ictrl = 6.5 mA
2.7
3
3.3
V
PVR100AD-B3V3
VI = 5.3 V; Ictrl = 6.5 mA
3.07
3.3
3.53
V
PVR100AD-B5V0
VI =7V; Ictrl = 10 mA
4.65
5
5.35
V
PVR100AD-B12V
VI =14V; Ictrl = 5 mA
11.4
12.3
13.2
V
Line regulation
∆VO/VO relative output voltage
variation
IO =10mA
[1]
PVR100AD-B2V5
4.5 V
≤ VI ≤ 40 V; Ictrl = 3.5 mA
−10 -
+10
%
PVR100AD-B3V0
5 V
≤ VI ≤ 40 V; Ictrl = 6.5 mA
−10 -
+10
%
PVR100AD-B3V3
5.3 V
≤ VI ≤ 40 V; Ictrl = 6.5 mA
−7
-
+7
%
PVR100AD-B5V0
7 V
≤ VI ≤ 40 V; Ictrl =10mA
−7
-
+7
%
PVR100AD-B12V
14 V
≤ VI ≤ 40 V; Ictrl =5mA
−7
-
+7
%
Load regulation
∆VO/VO relative output voltage
variation
5mA
≤ IO ≤ 100 mA
[1]
PVR100AD-B2V5
VI = 4.5 V; Ictrl = 3.5 mA
−10 -
+10
%
PVR100AD-B3V0
VI =5V; Ictrl = 6.5 mA
−10 -
+10
%
PVR100AD-B3V3
VI = 5.3 V; Ictrl = 6.5 mA
−7
-
+7
%
PVR100AD-B5V0
VI =7V; Ictrl =10mA
−7
-
+7
%
PVR100AD-B12V
VI =14V; Ictrl =5mA
−7
-
+7
%
Table 2.
Quick reference data …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - PVR100AD-B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PVR100AZ-B NXP-PVR100AZ-B Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
PVR100AZ-B12V NXP-PVR100AZ-B12V Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
PVR100AZ-B2V5 NXP-PVR100AZ-B2V5 Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
PVR100AZ-B3V0 NXP-PVR100AZ-B3V0 Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
PVR100AZ-B3V3 NXP-PVR100AZ-B3V3 Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
More results

Similar Description - PVR100AD-B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PVR100AZ-B NXP-PVR100AZ-B Datasheet
106Kb / 17P
   Voltage regulator series
Rev. 01-16 November 2006
logo
Billiton Ltd.
TP72 ASIC-TP72 Datasheet
146Kb / 7P
   Series voltage differential voltage regulator
logo
SHOUDING Shouding Semic...
SD5088 SHOUDING-SD5088 Datasheet
2Mb / 9P
   Series low-voltage differential voltage regulator
logo
Interpion semiconductor
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1532 INTERPION-IP1532 Datasheet
422Kb / 16P
   TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
logo
List of Unclassifed Man...
ML62 ETC-ML62 Datasheet
637Kb / 14P
   ML62 Series Positive Voltage Regulator
logo
Interpion semiconductor
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1522 INTERPION-IP1522 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com