Electronic Components Datasheet Search |
|
DF19G-20S-1F Datasheet(PDF) 3 Page - Hirose Electric |
|
DF19G-20S-1F Datasheet(HTML) 3 Page - Hirose Electric |
3 / 13 page B255 DF19 Series ●1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors DF19 # - * * S - 1 F - GND ■Ordering information DF19 # - * * P - 1 H 1 3 4 5 2 6 3 4 5 2 6 1 7 Series Name : DF19 Configuration ■Receptacle G: Top-board mounting (1.65mm high) K : Offset mounting (1.0mm high) L : Offset mounting (1.1mm high) KR : Reverse offset mounting version of DF19K (1.0mm high) ■Plug Blank : No grounding plate G : With grounding plate ■Plug for FPC G : With grounding plate ■Grounding plate for FPC G : With grounding plate ■Plug for micro-coaxial cable G : With grounding plate ■Grounding plate for micro-coaxial cable G : With grounding plate 1 Number of contacts : 8,14,20,30 (Note 1) 2 3 4 Connector type S : Plug P : Receptacle Contact pitch : 1mm Mounting type/Termination type H : Horizontal SMT V : Vertical SMT C : Socket-discrete wire (crimp contact) F : Plug – FPC SD : Plug – micro-coaxial cable Additional separate component GND : Ground plate (Note 2) Note 1: Number of contacts will differ depending on the connector style. Note 2: Grounding plates are required when terminating with the FPC and micro-coaxial cable. Conductor size 2830 : AWG#28~#30 3032 : AWG#30~#32 0036 : AWG#36 Contact type SCF : Plug contact, tape and reel packaging Plating A : Gold Packaging Blank : 10,000 pieces / reel (41) : 20,000 pieces / reel ● Connector DF19A - 2830 SCF A ( * * * *) 3 3 1 1 2 2 4 ●Contact 5 6 7 4 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - DF19G-20S-1F |
|
Similar Description - DF19G-20S-1F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |