Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN038-100K Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN038-100K
Description  N-channel TrenchMOS SiliconMAX standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN038-100K Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN038-100K Datasheet HTML 1Page - NXP Semiconductors PSMN038-100K Datasheet HTML 2Page - NXP Semiconductors PSMN038-100K Datasheet HTML 3Page - NXP Semiconductors PSMN038-100K Datasheet HTML 4Page - NXP Semiconductors PSMN038-100K Datasheet HTML 5Page - NXP Semiconductors PSMN038-100K Datasheet HTML 6Page - NXP Semiconductors PSMN038-100K Datasheet HTML 7Page - NXP Semiconductors PSMN038-100K Datasheet HTML 8Page - NXP Semiconductors PSMN038-100K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PSMN038-100K_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 25 November 2009
2 of 12
NXP Semiconductors
PSMN038-100K
N-channel TrenchMOS SiliconMAX standard level FET
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S
source
SOT96-1 (SO8)
2S
source
3S
source
4G
gate
5D
drain
6D
drain
7D
drain
8D
drain
4
5
1
8
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN038-100K
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
-
100
V
VGS
gate-source voltage
-20
20
V
ID
drain current
Tsp =80 °C; see Figure 1 and 3
-6.3
A
IDM
peak drain current
Tsp =25 °C; tp ≤ 10 µs; pulsed; see Figure 3
-50
A
Ptot
total power dissipation
Tsp =80 °C; see Figure 2
-3.5
W
Tstg
storage temperature
-55
150
°C
Tj
junction temperature
-55
150
°C
Source-drain diode
IS
source current
Tsp =80 °C
-
3.1
A
ISM
peak source current
Tsp =25 °C; tp ≤ 10 µs; pulsed
-
50
A


Similar Part No. - PSMN038-100K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN038-100K PHILIPS-PSMN038-100K Datasheet
271Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-16 January 2001
logo
VBsemi Electronics Co.,...
PSMN038-100K VBSEMI-PSMN038-100K Datasheet
611Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PSMN038-100K NEXPERIA-PSMN038-100K Datasheet
886Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 25 November 2009
More results

Similar Description - PSMN038-100K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200B PHILIPS-PSMN057-200B_15 Datasheet
238Kb / 11P
   N-channel TrenchMOS SiliconMAX standard level FET
15 August 2013
PSMN035-150B NXP-PSMN035-150B Datasheet
222Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-17 November 2009
PSMN009-100P NXP-PSMN009-100P Datasheet
190Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-30 September 2009
PSMN008-75B NXP-PSMN008-75B Datasheet
220Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-11 December 2009
logo
Nexperia B.V. All right...
PSMN085-150K NEXPERIA-PSMN085-150K Datasheet
786Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 3 - 22 December 2011
PSMN025-100D NEXPERIA-PSMN025-100D Datasheet
799Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 12 January 2012
PHP165NQ08T NEXPERIA-PHP165NQ08T Datasheet
305Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 27 March 2009
logo
NXP Semiconductors
PSMN085-150K NXP-PSMN085-150K Datasheet
208Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-1 March 2010
PSMN165-200K NXP-PSMN165-200K Datasheet
387Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-3 December 2009
PSMN070-200B PHILIPS-PSMN070-200B_15 Datasheet
171Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-14 December 2010
logo
Nexperia B.V. All right...
PSMN009-100P NEXPERIA-PSMN009-100P Datasheet
776Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 27 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com