Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF33-12RS-3.3DSA Datasheet(PDF) 1 Page - Hirose Electric

Part # DF33-12RS-3.3DSA
Description  3.3 mm Contact Pitch, Connectors for Internal Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33-12RS-3.3DSA Datasheet(HTML) 1 Page - Hirose Electric

  DF33-12RS-3.3DSA Datasheet HTML 1Page - Hirose Electric DF33-12RS-3.3DSA Datasheet HTML 2Page - Hirose Electric DF33-12RS-3.3DSA Datasheet HTML 3Page - Hirose Electric DF33-12RS-3.3DSA Datasheet HTML 4Page - Hirose Electric DF33-12RS-3.3DSA Datasheet HTML 5Page - Hirose Electric DF33-12RS-3.3DSA Datasheet HTML 6Page - Hirose Electric DF33-12RS-3.3DSA Datasheet HTML 7Page - Hirose Electric DF33-12RS-3.3DSA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
B138
3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33 Series
Features
1. 5 A maximum current
Single row connector can carry current of 5 A with #20 AWG
conductor. Please refer to Table #1 for current ratings for multi-
position connectors using other conductor sizes.
2. Complete Locking Function
Reliable interior lock protects mated connectors from
accidental disconnection.
3. Prevention of Incorrect Connections
To prevent incorrect connection when using multiple
connectors having the same Number of contacts, 3 product
types having different mating configurations are available.
4. Prevention of incorrect board placement
Built-in posts assure correct connector placement and
orientation on the board.
5. Supports encapsulation
Connectors can be encapsulated up to 10 mm without affecting
the performance.
6. Prevention of Shor t Circuits Between
Adjacent Contacts
Each Contact is completely surrounded by the insulator
housing electrically isolating it from adjacent contacts.
7. Increased Retention Force of Crimped
Contacts and confirmation of complete
contact insertion
Separate contact retainers are provided for applications where
extreme pull-out forces may be applied against the wire or
when a visual confirmation of the full contact insertion is
required.
Applications
Office equipment, power supplies for industrial, medical and
instrumentation applications, variety of consumer electronic, and
electrical applications.
Prevention of Incorrect Connections
Completely
enclosed
locking system
Protection from
shorts circuits
between adjacent
Contacts
●Standard Type (Color: natural)
●R Type (Color: black)
*The photographs on the left show header (the board dip side),
the photographs on the right show the socket (cable side).
*The guide key position is indicated in position facing
the mating surface of the header.
Complete
Locking
Function
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF33-12RS-3.3DSA

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
Hirose Electric
DF33A-2022SC HIROSE-DF33A-2022SC Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33A-2022SCF HIROSE-DF33A-2022SCF Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33A-2022SCF(40) HIROSE-DF33A-2022SCF(40) Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33C HIROSE-DF33C Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
More results

Similar Description - DF33-12RS-3.3DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF33C HIROSE-DF33C Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com