Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSV629xA Datasheet(PDF) 1 Page - STMicroelectronics

Part No. TSV629xA
Description  Micropower, wide bandwidth CMOS operational amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

TSV629xA Datasheet(HTML) 1 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
March 2010
Doc ID 16882 Rev 2
1/25
25
TSV629x, TSV629xA
Micropower, wide bandwidth CMOS operational amplifiers
Features
Rail-to-rail input and output
Low power consumption: 29 µA typ, 36 µA max
Low supply voltage: 1.5 – 5.5 V
High gain bandwidth product: 1.3 MHz typ
Stable when used in gain configuration
Low power shutdown mode: 5 nA typ
Good accuracy: 800 µV max (A version)
Low input bias current: 1 pA typ
Micropackages: MiniSO-8, SOT23-8,
MiniSO-10, TSSOP14, TSSOP16
EMI hardened operational amplifiers
High tolerance to ESD: 4 kV HBM
Extended temperature range: -40 to +125° C
Applications
Battery-powered applications
Portable devices
Signal conditioning
Active filtering
Medical instrumentation
Description
The TSV6292, TSV6293, TSV6294 and TSV6295
dual and quad operational amplifiers offer a high
bandwidth of 1.3 MHz while consuming only
29 µA. They must be used in a gain configuration
(equal or above +4 or -3).
The TSV629x series features low voltage, low
power operation and rail-to-rail input and output.
The devices also offer an ultra-low input bias
current and low input offset voltage.
The TSV6293 (dual) and TSV6295 (quad) have
two shutdown pins for reduced power
consumption.
These features make the TSV629x family ideal
for sensor interfaces, battery supplied and
portable applications, as well as active filtering.
Table 1.
Device summary
Reference
Dual version
Quad version
Without
standby
With
standby
Without
standby
With
standby
TSV629x
TSV6292
TSV6293
TSV6294
TSV6295
TSV629xA
TSV6292A
TSV6293A
TSV6294A
TSV6295A
TSSOP-14
MiniSO-8/10
SO-8
SOT23-8
TSSOP-16
www.st.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn