Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6716 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6716
Description  0.011 Wall, Nom. Modified Polyphenilether
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6716 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6716 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6716 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. 6716
Construction
Diameters (In)
1) Component 1
1 X 1 HOOKUP
a) Conductor
16 (26/30) AWG TC
0.059
b) Insulation
0.011" Wall, Nom. Modified Polyphenilether
0.081+/- 0.002
(1) Print
16 AWG
E20042-* RU AWM 11028 105C 600V VW-1
CRU AWM I A/B 105C 600V FT1 ROHS
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET, GREEN/YELLOW
Applicable Specifications
1) UL
AWM/STYLE 11028
105°C / 600 VRMS
2) CSA International
C(RU) AWM I A/B FT1
105°C / 600 VRMS
3) Other
Halogen-Free
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) REACH Regulation (EC 1907/2006):
This product does not contain any of the 16 substances listed on the European Union's REACH
Substance of Very High Concern (SVHC) candidate list in excess of 0.1% mass of the item.
Properties
Physical &Mechanical Properties
1) Temperature Range
-40 to 105°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
20.4 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
600 VRMS
2) Inductance
0.03 µH/ft, Nominal
3) Conductor DCR
4.4 /1000ft @20°C, Nominal
Other
1) Packaging
a) 1000 FT
b) 100 FT


Similar Part No. - 6716

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6716 POMONA-6716 Datasheet
42Kb / 1P
   BNC Female to F Type Male Adapter
logo
Alpha Wire
6716 ALPHAWIRE-6716 Datasheet
70Kb / 3P
   Customer Specification
6716 ALPHAWIRE-6716 Datasheet
98Kb / 4P
   Customer Specification
2/20/2023
logo
Bourns Electronic Solut...
6716-RC BOURNS-6716-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
logo
Alpha Wire
6716 ALPHAWIRE-6716_V01 Datasheet
98Kb / 4P
   Customer Specification
2/20/2023
More results

Similar Description - 6716

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6717 ETC2-6717 Datasheet
69Kb / 2P
   0.011 Wall, Nom. Modified Polyphenilether
6710 ETC2-6710 Datasheet
69Kb / 2P
   0.0095" Wall, Nom. Modified Polyphenilether
6714 ETC2-6714 Datasheet
69Kb / 2P
   0.0095 Wall, Nom. Modified Polyphenilether
6715 ETC2-6715 Datasheet
69Kb / 2P
   0.0095 Wall, Nom. Modified Polyphenilether
6711 ETC2-6711 Datasheet
69Kb / 2P
   0.0095" Wall, Nom. Modified Polyphenilether
6712 ETC2-6712 Datasheet
69Kb / 2P
   0.0095 Wall, Nom. Modified Polyphenilether
6713 ETC2-6713 Datasheet
69Kb / 2P
   0.0095 Wall, Nom. Modified Polyphenilether
logo
Alpha Wire
78141 ALPHAWIRE-78141 Datasheet
130Kb / 4P
   0.007" Wall, Nom. Modified Polyphenylene Ether-PE
8/25/2020
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
   DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
logo
AVX Corporation
NOME337M006R0023 AVX-NOME337M006R0023 Datasheet
137Kb / 3P
   OxiCap짰 NOM Low ESR Multianodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com