Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF33R-6DS-3.3DSA Datasheet(PDF) 3 Page - Hirose Electric

Part # DF33R-6DS-3.3DSA
Description  3.3 mm Contact Pitch, Connectors for Internal Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33R-6DS-3.3DSA Datasheet(HTML) 3 Page - Hirose Electric

  DF33R-6DS-3.3DSA Datasheet HTML 1Page - Hirose Electric DF33R-6DS-3.3DSA Datasheet HTML 2Page - Hirose Electric DF33R-6DS-3.3DSA Datasheet HTML 3Page - Hirose Electric DF33R-6DS-3.3DSA Datasheet HTML 4Page - Hirose Electric DF33R-6DS-3.3DSA Datasheet HTML 5Page - Hirose Electric DF33R-6DS-3.3DSA Datasheet HTML 6Page - Hirose Electric DF33R-6DS-3.3DSA Datasheet HTML 7Page - Hirose Electric DF33R-6DS-3.3DSA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
B140
DF33 Series
3.3 mm Contact Pitch, Connectors for Internal Power Supplies
■Single row - Straight header
A
1.55
Cavity No.
B
P=3.3
Polarity mark
0.5
Ø1.25
Lot No. indicator
B±0.05
P=3.3±0.05
1.55±0.05
DF33-*RS-3.3
DF33(R)-*S-3.3C
DF33(R)-*P-3.3DSA(24)
Standard Type
BMating Dimensions
Order by number of tray Q'ty.
Note: Retainer is comment. Standard type and R type.
R Type
Standard Type (Guide Key: Inside, Color: Natural Beige)
R Type (Guide Key: Right Side, Color: Black)
No. of contacts A
B
Q'ty/tray RoHS
2
3
4
5
6
8.4
11.7
15.0
18.3
21.6
3.3
6.6
9.9
13.2
16.5
135
95
75
60
50
YES
Pat number
DF33-2P-3.3DSA(24)
DF33-3P-3.3DSA(24)
DF33-4P-3.3DSA(24)
DF33-5P-3.3DSA(24)
DF33-6P-3.3DSA(24)
CL No.
CL676-1016-4-24
CL676-1017-7-24
CL676-1018-0-24
CL676-1019-2-24
CL676-1020-1-24
No. of contacts A
B
Q'ty/tray RoHS
2
3
4
5
6
8.4
11.7
15.0
18.3
21.6
3.3
6.6
9.9
13.2
16.5
135
95
75
60
50
YES
Pat number
DF33R-2P-3.3DSA(24)
DF33R-3P-3.3DSA(24)
DF33R-4P-3.3DSA(24)
DF33R-5P-3.3DSA(24)
DF33R-6P-3.3DSA(24)
CL No.
CL676-1043-7-24
CL676-1044-0-24
CL676-1045-2-24
CL676-1046-5-24
CL676-1047-8-24
BPCB mounting pattern
(Board thickens: 1.6±0.1)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF33R-6DS-3.3DSA

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DF33R1880S50B TOKEN-DF33R1880S50B Datasheet
524Kb / 19P
   DF-B Dielectric Filters
DF33R815S20B TOKEN-DF33R815S20B Datasheet
524Kb / 19P
   DF-B Dielectric Filters
More results

Similar Description - DF33R-6DS-3.3DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF33C HIROSE-DF33C Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com