Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCC8103 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCC8103
Description  Noteboook PC Applications Portable Eqipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCC8103 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCC8103_10 Datasheet HTML 1Page - Toshiba Semiconductor TPCC8103_10 Datasheet HTML 2Page - Toshiba Semiconductor TPCC8103_10 Datasheet HTML 3Page - Toshiba Semiconductor TPCC8103_10 Datasheet HTML 4Page - Toshiba Semiconductor TPCC8103_10 Datasheet HTML 5Page - Toshiba Semiconductor TPCC8103_10 Datasheet HTML 6Page - Toshiba Semiconductor TPCC8103_10 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCC8103
2010-01-14
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±100
nA
Drain cutoff current
IDSS
VDS = −30 V, VGS = 0 V
−10
μA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−30
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 20 V
−13
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1.0 mA
−0.8
−2.0
V
VGS = −4 V, ID = −9 A
17
25
Drain-source ON-resistance
RDS (ON)
VGS = −10 V, ID = −9 A
9.4
12
m
Ω
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −9 A
15
30
S
Input capacitance
Ciss
1600
Reverse transfer capacitance
Crss
340
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
490
pF
Rise time
tr
9.3
Turn-on time
ton
16
Fall time
tf
68
Switching time
Turn-off time
toff
Duty
≤ 1%, tw = 10 μs
175
ns
Total gate charge
(gate-source plus gate-drain)
Qg
38
Gate-source charge 1
Qgs1
4.5
Gate-drain (“Miller”) charge
Qgd
VDD ≈ −24 V, VGS = −10 V,
ID = −18 A
11
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
(Note 1)
IDRP
−54
A
Forward voltage (diode)
VDSF
IDR = −18 A, VGS = 0 V
1.2
V
VDD ≈ −15 V
-10
VGS
0 V
ID = −9 A
VOUT


Similar Part No. - TPCC8103_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCC8103_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6005 TOSHIBA-TPC6005_07 Datasheet
260Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6012 TOSHIBA-TPC6012 Datasheet
217Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8002 TOSHIBA-TPCF8002 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6101 TOSHIBA-TPC6101 Datasheet
155Kb / 6P
   Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com