Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF33-6RS-3.3C Datasheet(PDF) 2 Page - Hirose Electric

Part # DF33-6RS-3.3C
Description  3.3 mm Contact Pitch, Connectors for Internal Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33-6RS-3.3C Datasheet(HTML) 2 Page - Hirose Electric

  DF33-6RS-3.3C Datasheet HTML 1Page - Hirose Electric DF33-6RS-3.3C Datasheet HTML 2Page - Hirose Electric DF33-6RS-3.3C Datasheet HTML 3Page - Hirose Electric DF33-6RS-3.3C Datasheet HTML 4Page - Hirose Electric DF33-6RS-3.3C Datasheet HTML 5Page - Hirose Electric DF33-6RS-3.3C Datasheet HTML 6Page - Hirose Electric DF33-6RS-3.3C Datasheet HTML 7Page - Hirose Electric DF33-6RS-3.3C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
B139
DF33 Series
3.3 mm Contact Pitch, Connectors for Internal Power Supplies
■Product Specifications
Ratings
Current
rating
Voltage
rating
AC/DC
500V
Operating temperature range
Operating humidity range
Storage temperature range
Storage humidity range
-35ç to 85ç (Note 1)
40% to 80%
-10ç to 60ç (Note 2)
40% to 70% (Note 2)
Number of rows
1
2
Number of contacts
2 to 6
4 to 12
AWG20
5A
5A
AWG22
5A
4A
20mV max., 1mA
500 V DC
1500 V AC for 1 minute
Measured with a steel pin of 0.5 x 0.5 ± 0.002 thickness
30 cycles
Frequency 10 to 55 Hz, single amplitude of 0.75 mm, 3 axis, duration of 2 hours
Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis.
Temperature 40ç± 2ç, 90% to 95% RH, 96 hours
(-55ç: 30 minutes
➝ 5 to 35ç: 5 minutes➝85ç: 30 minutes➝5 to 35ç: 5 minutes) for 5 cycles
Contact resistance(Initial value): 10 m ohms max.
1000 M ohms min.
No flashover or Insulator breakdown
0.5N min., 4.5N max.
Contact resistance of 20 m ohms max.
No electrical discontinuity of 1 μs. min.
No electrical discontinuity of 1 μs. min.
Contact resistance 20 m ohms max.
Contact resistance of 20 m ohms max.
No deformation of the insulator parts affecting performance
1. Contact resistance
2. Insulator resistance
3. Withstanding voltage
4. Insertion-Extraction force (per contact)
5. Durability (mating/unmating)
6. Vibration
7. Shock
8. Humidity
9. Temperature cycle
10. Resistance to Soldering heat
Item
Specification
Condition
Note 1: Includes temperature rise caused by the current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity
range covers non- conducting condition of installed connectors in storage, shipment or during transportation.
Remarks
UL94V-0
----------
UL94V-0
----------
UL94V-0
Note 1: Standard Color, colors of the differing coupling forms are black for DF33R.
Note 2: Hirose Electric's plating incorporate anti-whisking compounds.
Note 3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a
specific part number shown.
■Materials
Product
Part
Material
Finish
Sockets
Crimp contacts
Headers
Retainer
Insulator
Contacts
Insulator
Contacts
Insulator
Polyamide
Copper alloy
Polyamide (Glass reinforced)
Copper alloy
PBT
Color: Natural white
(Note 1)
Tin plated
(Note 2)
Color: Natural beige
(Note 1)
Tin plated
(Note 2)
Color: Black
■Ordering Information
DF33 R - 2 S - 3.3 C
1
2
4
6
3
5
Series name: DF33
Guide key type
Blank : Inside (Color: natural)
R : Right side (Color: black)
Number of contacts : 2 to 6(Single row)
4 to 12(Double row)
1
Connector type
S
: Single-row socket
DS
: Double-row socket
P
: Single-row header
DP
: Double-row header
RS
: Single-row retainer
RDS
: Double-row retainer
Contact pitch : 3.3 mm
4
2
3
5
Applicable conductor
2022 : AWG 20 to AWG 22
7
Packaging
SCF : Socket contacts / reel
SC
: Socket contacts / bag
8
Type of housing
C
: Crimp housing
DSA
: Straight header
6
●Socket, Header
DF33A - 2022 SCF
1
8
7
●Contacts
Flow solder temperature 260ç, for 10 seconds
Manual soldering: Soldering iron temperature 320ç, 3 seconds
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF33-6RS-3.3C

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
Hirose Electric
DF33A-2022SC HIROSE-DF33A-2022SC Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33A-2022SCF HIROSE-DF33A-2022SCF Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33A-2022SCF(40) HIROSE-DF33A-2022SCF(40) Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33C HIROSE-DF33C Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
More results

Similar Description - DF33-6RS-3.3C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF33C HIROSE-DF33C Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com