Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM12TRA-15P Datasheet(PDF) 7 Page - Hirose Electric

Part # RM12TRA-15P
Description  RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM12TRA-15P Datasheet(HTML) 7 Page - Hirose Electric

Back Button RM12TRA-15P Datasheet HTML 3Page - Hirose Electric RM12TRA-15P Datasheet HTML 4Page - Hirose Electric RM12TRA-15P Datasheet HTML 5Page - Hirose Electric RM12TRA-15P Datasheet HTML 6Page - Hirose Electric RM12TRA-15P Datasheet HTML 7Page - Hirose Electric RM12TRA-15P Datasheet HTML 8Page - Hirose Electric RM12TRA-15P Datasheet HTML 9Page - Hirose Electric RM12TRA-15P Datasheet HTML 10Page - Hirose Electric RM12TRA-15P Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RM12TRA-15P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM12TRA-15P HIROSE-RM12TRA-15P Datasheet
795Kb / 15P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
More results

Similar Description - RM12TRA-15P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM21TPA-15S HIROSE-RM21TPA-15S Datasheet
795Kb / 15P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
logo
List of Unclassifed Man...
HS25PE-10 ETC2-HS25PE-10 Datasheet
492Kb / 10P
   HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
Hirose Electric
HS21PA-2A HIROSE-HS21PA-2A Datasheet
421Kb / 10P
   HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
List of Unclassifed Man...
HS21PA-2A ETC2-HS21PA-2A Datasheet
492Kb / 10P
   HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
HR10-7P-6P ETC2-HR10-7P-6P Datasheet
1Mb / 23P
   HR10 SERIES SHELL SIZE 7mm PUSH-PULL CONNECTORS
logo
Hirose Electric
HR10A-7P-4PA HIROSE-HR10A-7P-4PA_1 Datasheet
1Mb / 20P
   HR10 SERIES SHELL SIZE 7mm PUSH-PULL CONNECTORS
JR16PA-10S HIROSE-JR16PA-10S Datasheet
497Kb / 12P
   JR SERIES SHELL SIZE 13-25 ALUMINUM CONNECTORS
JR16PA-10S HIROSE-JR16PA-10S_1 Datasheet
569Kb / 11P
   SHELL SIZE 13-25 ALUMINUM CONNECTORS
HR11-9BPA-6P HIROSE-HR11-9BPA-6P Datasheet
164Kb / 4P
   HR11 SERIES SHELL SIZE 9mm BAYONET LOCK CONNECTORS
HR10A-7P-4PA HIROSE-HR10A-7P-4PA Datasheet
923Kb / 22P
   HR10 SERIES SHELL SIZE 7mm PUSH-PULL CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com