Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-6J-3P Datasheet(PDF) 10 Page - Hirose Electric

Part No. HR30-6J-3P
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6J-3P Datasheet(HTML) 10 Page - Hirose Electric

Back Button HR30-6J-3P Datasheet HTML 4Page - Hirose Electric HR30-6J-3P Datasheet HTML 5Page - Hirose Electric HR30-6J-3P Datasheet HTML 6Page - Hirose Electric HR30-6J-3P Datasheet HTML 7Page - Hirose Electric HR30-6J-3P Datasheet HTML 8Page - Hirose Electric HR30-6J-3P Datasheet HTML 9Page - Hirose Electric HR30-6J-3P Datasheet HTML 10Page - Hirose Electric HR30-6J-3P Datasheet HTML 11Page - Hirose Electric HR30-6J-3P Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Solder termination fixture
Insulator/contact assembly
Block end face
10
BAssembly Procedures
Plug Assembly Sequence
1
2
Thread the back shell, strain relief, seal bushing, spring and push/pull locking collar over the cable as shown above.
Solder type
1. Pre-solder the exposed cable conductors (dia. A). The diameter of the pre-soldered conductors should not exceed 0.7
mm for 6 contact plug and 1.0 mm for 3 contact plug.
2. Insert the insulator body over the applicable solder termination fixture.
3. Insert the pre-soldered conductors in the contact soldering pot and solder them in place.
Soldering iron temperature should be 280 ±10ç applied for 3-4 second.
Crimp type
1. Crimp the applicable contact to the stripped conductor. Use correct crimp tools. Verify the dimensions and crimp
configuration.
2. Insert the contact into the appropriate opening in the insulator body.
3. Verify fully seated position by applying a slight pull force on the conductor. The contact should remain in place.
Re-insert if not seated.
A
B
Solder type : 3 and 6 pos.
Solder type : 12 pos.
Crimp type : 10 and 12 pos.
2 mm
2 mm
2mm
-0
-0.5
5.5 mm max.
10 mm max.
15
to 20 mm
B
Seal bushing
Strain relief
Back shell
Insulator/contact assembly
Cable
Spring
Push/pull locking collar
A
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn