Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-6J-3P Datasheet(PDF) 6 Page - Hirose Electric

Part No. HR30-6J-3P
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6J-3P Datasheet(HTML) 6 Page - Hirose Electric

Back Button HR30-6J-3P Datasheet HTML 2Page - Hirose Electric HR30-6J-3P Datasheet HTML 3Page - Hirose Electric HR30-6J-3P Datasheet HTML 4Page - Hirose Electric HR30-6J-3P Datasheet HTML 5Page - Hirose Electric HR30-6J-3P Datasheet HTML 6Page - Hirose Electric HR30-6J-3P Datasheet HTML 7Page - Hirose Electric HR30-6J-3P Datasheet HTML 8Page - Hirose Electric HR30-6J-3P Datasheet HTML 9Page - Hirose Electric HR30-6J-3P Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
sCaps
qFor Receptacle
qFor Plugs
ØE
ØD
ØD
ØE
B
C
D
E
8.4
10.4
8.9
10.5
4
6
8.8
11.4
HR30-6R-C
HR30-6P-C
Part Number
HR30-6P-C(71)
HR30-7P-C(71)
HR30-8P-C(71)
CL No.
130-3000-7-71
130-3004-8-71
130-3003-5-71
Weight
RoHS
Applicable connector
A
13
16
HR30-6P-3S(71)
HR30-6P-6S(71)
HR30-6P-6P(71)
HR30-6PA-3S(71)
HR30-6PA-6S(71)
HR30-6PA-6P(71)
HR30-7P-10SC(71)
HR30-7P-12S(71)
HR30-7P-12SC(71)
HR30-8P-12P(71)
HR30-8P-12PC(71)
1g
2g
YES
B
C
D
E
Part Number
HR30-6R-C(71)
HR30-7R-C(71)
CL No.
130-3001-0-71
130-3002-2-71
Weight
RoHS
Applicable connector
A
12.6
11.8
7.5
12.1
9.1
15.5
14.8
8.5
15
12.1
1g
YES
HR30-6R-3P(71)
HR30-6R-6P(71)
HR30-6R-6PD(71)
HR30-6R-6S(71)
HR30-6R-6SD(71)
HR30-7R-10PC(71)
HR30-7R-12P(71)
HR30-7R-12PC(71)
HR30-7R-12PD(71)
HR30-8R-12S(71)
HR30-8R-12SC(71)
HR30-8R-12SD(71)
Note : When using these caps, do not use the gasket that is normally supplied with the receptacle. The “B” diameter end of the
receptacle cap will serve as the gasket.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - HR30-6J-3P

ManufacturerPart No.DatasheetDescription
Hirose Electric
Hirose Electric
HR30-6J-3P HIROSE-HR30-6J-3P Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6J-3PC HIROSE-HR30-6J-3PC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6J-3PD HIROSE-HR30-6J-3PD Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-6J-3P

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
Hirose Electric
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
List of Unclassifed Manufacturers
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
Hirose Electric
Hirose Electric
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
Hirose Electric
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
DDK Ltd.
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz