Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-6J-3P Datasheet(PDF) 5 Page - Hirose Electric

Part No. HR30-6J-3P
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6J-3P Datasheet(HTML) 5 Page - Hirose Electric

  HR30-6J-3P Datasheet HTML 1Page - Hirose Electric HR30-6J-3P Datasheet HTML 2Page - Hirose Electric HR30-6J-3P Datasheet HTML 3Page - Hirose Electric HR30-6J-3P Datasheet HTML 4Page - Hirose Electric HR30-6J-3P Datasheet HTML 5Page - Hirose Electric HR30-6J-3P Datasheet HTML 6Page - Hirose Electric HR30-6J-3P Datasheet HTML 7Page - Hirose Electric HR30-6J-3P Datasheet HTML 8Page - Hirose Electric HR30-6J-3P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
sJacks
qCrimp Type
qSolder Type
37.3
(Fully tightened)
Applicable
cable diameter
B(Fully tightened)
1
2
3
4
5
6
Applicable
cable diameter
Part Number
HR30-6J-6P(71)
HR30-6JA-6P(71)
HR30-7J-12P(71)
HR30-8J-12S(71)
CL No.
A
B
130-2009-6-71
130-2018-7-71
130-2020-9-71
130-2019-0-71
12
15
28.9
37.3
Weight
RoHS
Applicable cable diameter range
Solder pot inner diameter
0.8 mm
0.6 mm
HR30-7J-12PC (Shown)
HR30-6J-6P (Shown)
4.2 to 5
3.5 to 4.3
6.2 to 7
Part Number
HR30-7J-10PC(71)
HR30-7J-12PC(71)
HR30-8J-12SC(71)
CL No.
130-2015-9-71
130-2017-4-71
130-2016-1-71
Weight
RoHS
Applicable cable diameter range
Crimp contact
HR30-PC-211
HR30-SC-211
6.2 to 7
5g
YES
3g
5.7g
5.9g
Shown with terminated and installed contacts.
Note: Crimp contacts are not included. Please order applicable contacts separately.
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn