Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1B-30P2.5DSA Datasheet(PDF) 4 Page - Hirose Electric

Part # DF1B-30P2.5DSA
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-30P2.5DSA Datasheet(HTML) 4 Page - Hirose Electric

  DF1B-30P2.5DSA Datasheet HTML 1Page - Hirose Electric DF1B-30P2.5DSA Datasheet HTML 2Page - Hirose Electric DF1B-30P2.5DSA Datasheet HTML 3Page - Hirose Electric DF1B-30P2.5DSA Datasheet HTML 4Page - Hirose Electric DF1B-30P2.5DSA Datasheet HTML 5Page - Hirose Electric DF1B-30P2.5DSA Datasheet HTML 6Page - Hirose Electric DF1B-30P2.5DSA Datasheet HTML 7Page - Hirose Electric DF1B-30P2.5DSA Datasheet HTML 8Page - Hirose Electric DF1B-30P2.5DSA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
B186
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
sOrdering Information
KConnector
KSocket ID Contact
DF1B
- * S 2.5 RC
q
w
et
r
DF1B - R 24 F A
q
e r
w
q Series Name
: DF 1B
w Number of Contacts
Single Row : 2 to 16, 18, 20
Double Row : 4 to 30, 34, 40
e Connector Type
S
: Single row socket
DS
: Double row socket
P
: Single row pin header
DP
: Double row pin header
ES
: Single row in-line socket
DES
: Double row in-line socket
EP
: Single row in-line plug
DEP
: Double row in-line plug
r Contact Pitch: 2.5mm
t Contact Type
RC
: ID/crimping socket (Note)
DSA : Straight through hole
DS
: Right angle through hole
Note: The single row socket DF1B-*S-2.5R
only adds "R" to the tail, which has
the same meaning as "RC".
q 1. Connection Type
R
: ID
w Applicable Cable Size
24 : AWG24
26 : AWG26
28 : AWG28
e Packaging Type
Blank : Bag
F
: Reel
r Plating Type
Blank : Tin plated
A
: Gold plated
KPlug ID Contact
DF1B - 24 P R F
q
e
r
w
q Applicable Cable Size
24 : AWG24
26 : AWG26
28 : AWG28
w Connector Type
P
: Plug
e Connection Type
R
: ID
r Packaging Type
Blank : Bag
F
: Reel
KCrimping Contact
DF1B - 2428 SCF A
q
w
e
q Applicable Cable Size
2022 : AWG20 to 22
2428 : AWG24 to 28
28
: AWG30
w Packaging Type
SCF : Socket Contact/Reel
SC
: Socket Contact/Bag
PCF : Plug Contact/Reel
PC
: Plug Contact/Bag
e Plating Type
Blank : Tin plating
A
: Gold plated
B
: Gold plated (Note)
Note: In case of the socket contact,
"A" is attached to the tail of
the product name. In case of
the plug contact, "B" is
attached thereto.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF1B-30P2.5DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-30PC HIROSE-DF1B-30PC Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-30PC MURATA-DF1B-30PC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-30PCB HIROSE-DF1B-30PCB Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-30PCB MURATA-DF1B-30PCB Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-30PCF HIROSE-DF1B-30PCF Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results

Similar Description - DF1B-30P2.5DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com