Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19G-20S-1SDGND Datasheet(PDF) 7 Page - Hirose Electric

Part # DF19G-20S-1SDGND
Description  1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19G-20S-1SDGND Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF19G-20S-1SDGND Datasheet HTML 3Page - Hirose Electric DF19G-20S-1SDGND Datasheet HTML 4Page - Hirose Electric DF19G-20S-1SDGND Datasheet HTML 5Page - Hirose Electric DF19G-20S-1SDGND Datasheet HTML 6Page - Hirose Electric DF19G-20S-1SDGND Datasheet HTML 7Page - Hirose Electric DF19G-20S-1SDGND Datasheet HTML 8Page - Hirose Electric DF19G-20S-1SDGND Datasheet HTML 9Page - Hirose Electric DF19G-20S-1SDGND Datasheet HTML 10Page - Hirose Electric DF19G-20S-1SDGND Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
B259
DF19 Series
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
B
PCB mounting pattern
G±0.05
1.5
P=1±0.05
0.55±0.05
0.8±0.05
2.5
+0.1
0
+0.1
+0
D±0.05
(F)
(E)
Outline of the plus
1.56
A
1
C
2
3.8
1.96
0.95
B
1.3
0.25
P=1
Contact No. 1 indicator
Unit: mm
CL No.
Part number
Number of contacts
A
B
C
D
E
685-0036-7-56
685-0037-0-56
DF19-14P-1V (56)
DF19-20P-1V (56)
14
20
17.9
23.9
13
19
15.25
21.25
14.95
20.95
Note: Order by number of reels.
Conductive traces in this area must be covered by dielectric compound.
Specification
(56): Tape & reel packaging
(1,000 pieces per reel)
Vertical receptacle
G
RoHS
F
6.675
9.675
6.325
9.325
13
19
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF19G-20S-1SDGND

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19G-20S-1SDGND HIROSE-DF19G-20S-1SDGND Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
More results

Similar Description - DF19G-20S-1SDGND

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
EXCEL CELL ELECTRONIC C...
EFC-PM24 ECE-EFC-PM24 Datasheet
280Kb / 4P
   1 mm Contact Spacing, ZIF Type Board To FPC Connectors
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com