Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN9R5-100PS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN9R5-100PS
Description  N-channel 100 V 9.6 m廓 standard level MOSFET in T0220
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN9R5-100PS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN9R5-100PS Datasheet HTML 3Page - NXP Semiconductors PSMN9R5-100PS Datasheet HTML 4Page - NXP Semiconductors PSMN9R5-100PS Datasheet HTML 5Page - NXP Semiconductors PSMN9R5-100PS Datasheet HTML 6Page - NXP Semiconductors PSMN9R5-100PS Datasheet HTML 7Page - NXP Semiconductors PSMN9R5-100PS Datasheet HTML 8Page - NXP Semiconductors PSMN9R5-100PS Datasheet HTML 9Page - NXP Semiconductors PSMN9R5-100PS Datasheet HTML 10Page - NXP Semiconductors PSMN9R5-100PS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PSMN9R5-100PS_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 23 February 2010
7 of 14
NXP Semiconductors
PSMN9R5-100PS
N-channel 100 V 9.6 m
Ω standard level MOSFET in T0220
Fig 9.
Transfer characteristics: drain current as a
function of gate-source voltage; typical
valuesvalues
Fig 10. Sub-threshold drain current as a function of
gate-source voltage
Fig 11. Gate-source threshold voltage as a function of
junction temperature
Fig 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aae020
0
20
40
60
80
0246
VGS (V)
ID
(A)
Tj = 25
°C
Tj = 175
°C
03aa35
VGS (V)
06
4
2
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
min
typ
max
Tj (°C)
−60
180
120
060
003aad280
2
3
1
4
5
VGS(th)
(V)
0
max
typ
min
003aad774
0
0.8
1.6
2.4
3.2
-60
0
60
120
180
Tj (°C)
a


Similar Part No. - PSMN9R5-100PS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN9R5-100PS NEXPERIA-PSMN9R5-100PS Datasheet
742Kb / 13P
   N-channel 100 V 9.6 mΩ standard level MOSFET in T0220
17 October 2013
logo
NXP Semiconductors
PSMN9R5-100PS PHILIPS-PSMN9R5-100PS_15 Datasheet
269Kb / 13P
   N-channel 100 V 9.6 m廓 standard level MOSFET in T0220
17 October 2013
More results

Similar Description - PSMN9R5-100PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN9R5-100PS PHILIPS-PSMN9R5-100PS_15 Datasheet
269Kb / 13P
   N-channel 100 V 9.6 m廓 standard level MOSFET in T0220
17 October 2013
logo
Nexperia B.V. All right...
PSMN9R5-100PS NEXPERIA-PSMN9R5-100PS Datasheet
742Kb / 13P
   N-channel 100 V 9.6 mΩ standard level MOSFET in T0220
17 October 2013
logo
NXP Semiconductors
PSMN9R5-100BS PHILIPS-PSMN9R5-100BS_15 Datasheet
232Kb / 14P
   N-channel 100 V 9.6 m廓 standard level MOSFET in D2PAK
Rev. 2-2 March 2012
PSMN9R5-100BS PHILIPS-PSMN9R5-100BS Datasheet
232Kb / 14P
   N-channel 100 V 9.6 m standard level MOSFET in D2PAK
Rev. 2-2 March 2012
logo
Nexperia B.V. All right...
PSMN9R5-100XS NEXPERIA-PSMN9R5-100XS Datasheet
363Kb / 16P
   N-channel 100V 9.6 m廓 standard level MOSFET in TO220F(SOT186A)
PSMN9R5-100BS NEXPERIA-PSMN9R5-100BS Datasheet
975Kb / 14P
   N-channel 100 V 9.6 mΩ standard level MOSFET in D2PAK
Rev. 2 - 2 March 2012
logo
NXP Semiconductors
PSMN016-100YS NXP-PSMN016-100YS_10 Datasheet
249Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 03-30 March 2010
PSMN034-100PS NXP-PSMN034-100PS Datasheet
256Kb / 15P
   N-channel 100 V 34.5 m廓 standard level MOSFET in TO220.
Rev. 02-1 March 2010
BUK7Y12-100E NXP-BUK7Y12-100E Datasheet
294Kb / 13P
   N-channel 100 V, 12 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y15-100E NXP-BUK7Y15-100E Datasheet
322Kb / 13P
   N-channel 100 V, 15 m廓 standard level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com