Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8125 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPC8125
Description  Lithium Ion Battery Applications Power Management Switch Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8125 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC8125 Datasheet HTML 1Page - Toshiba Semiconductor TPC8125 Datasheet HTML 2Page - Toshiba Semiconductor TPC8125 Datasheet HTML 3Page - Toshiba Semiconductor TPC8125 Datasheet HTML 4Page - Toshiba Semiconductor TPC8125 Datasheet HTML 5Page - Toshiba Semiconductor TPC8125 Datasheet HTML 6Page - Toshiba Semiconductor TPC8125 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC8125
2009-11-17
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±100
nA
Drain cut-OFF current
IDSS
VDS = −30 V, VGS = 0 V
−10
μA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−30
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 10 V (Note 6)
−21
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −0.5 mA
−0.8
−2.0
V
VGS = −4.5 V, ID = −5 A
13
17
Drain-source ON-resistance
RDS (ON)
VGS = −10 V, ID = −5 A
10
13
m
Ω
Input capacitance
Ciss
2580
Reverse transfer capacitance
Crss
430
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
490
pF
Rise time
tr
8
Turn-ON time
ton
16
Fall time
tf
75
Switching time
Turn-OFF time
toff
Duty
≤ 1%, tw = 10 μs
245
ns
Total gate charge
(gate-source plus gate-drain)
Qg
64
Gate-source charge 1
Qgs1
6
Gate-drain (“miller”) charge
Qgd
VDD ≈ −24 V, VGS = −10 V,
ID = −10 A
17
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse
current
Pulse
(Note 1)
IDRP
−40
A
Forward voltage (diode)
VDSF
IDR = −10 A, VGS = 0 V
1.2
V
Note 6: VDSX mode (the application of a plus voltage between gate and source) may cause decrease in maximum
rating of drain-source voltage.
VDD ≈ −15 V
0 V
VGS
−10 V
ID = −5 A
VOU


Similar Part No. - TPC8125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8125 TOSHIBA-TPC8125 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
SHENZHEN DOINGTER SEMIC...
TPC8125 DOINGTER-TPC8125 Datasheet
2Mb / 7P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - TPC8125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8128 TOSHIBA-TPCA8128 Datasheet
247Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPC6113 TOSHIBA-TPC6113 Datasheet
218Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPCC8105 TOSHIBA-TPCC8105 Datasheet
225Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
   Lithium Ion Battery Applications
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214_09 Datasheet
236Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214 Datasheet
223Kb / 7P
   Lithium Ion Battery Applications
TPCT4201 TOSHIBA-TPCT4201 Datasheet
246Kb / 4P
   LITHIUM ION BATTERY APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com