Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1B-30DS2.5DSA Datasheet(PDF) 3 Page - Hirose Electric

Part # DF1B-30DS2.5DSA
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-30DS2.5DSA Datasheet(HTML) 3 Page - Hirose Electric

  DF1B-30DS2.5DSA Datasheet HTML 1Page - Hirose Electric DF1B-30DS2.5DSA Datasheet HTML 2Page - Hirose Electric DF1B-30DS2.5DSA Datasheet HTML 3Page - Hirose Electric DF1B-30DS2.5DSA Datasheet HTML 4Page - Hirose Electric DF1B-30DS2.5DSA Datasheet HTML 5Page - Hirose Electric DF1B-30DS2.5DSA Datasheet HTML 6Page - Hirose Electric DF1B-30DS2.5DSA Datasheet HTML 7Page - Hirose Electric DF1B-30DS2.5DSA Datasheet HTML 8Page - Hirose Electric DF1B-30DS2.5DSA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
B185
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
sProduct Specifications
Current rating
(Note1)
Voltage rating
AWG 20 to 24 : 3A
AWG 26
: 2A
Cable Size
AWG 28
: 1A
AWG 30
: 0.5A
250V AC
Storage Temperature Range
Storage Moisture Range
Operating Temperature Range
Operating Moisture Range
-10 to +60ç (Note3)
-40 to 70% (Note3)
-35 to +85ç (Note2)
-40 to 80%
Item
Specification
Condition
1. Insulation Resistance
1000M ohms Min
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
3. Contact Resistance
30m ohms Max
100mA
4. Insertor/Extraction Force
MIN0.44N (45gf), MAX4.4N(450gf)
Measure at the square steel pin of 0.635±0.002mm
5. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6. Humidity (Steady state) Contact resistance: 30m ohms max.Insulation resistance: 1000M ohms min. 96 hours at temperature of 40±2ç and humidity of 90% to 95%
7. Temperature Cycle
Contact resistance: 30m ohms max:Insulation resistance: 1000M ohms min.
(-55ç: 30 minutes ➝ 5 to 35ç: 10 minutes
(-85ç: 30 minutes ➝ 5 to 35ç: 10 minutes) 5 cycles
8. Operating Life
Contact resistance: 30m ohms max.
Tin plating
: 30 cycles
Gold plating
: 50 cycles
9. Resistance to Soldering heat
No deformation of components affecting performance.
Flow: 250ç for 10 seconds
Manual soldering: 300ç for 3 seconds
Rating
Note 1: Current rating of header is 3A.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a
specific part number shown.
Current rating
(Note1)
Voltage rating
UL-CSA Safety Standard Standardized Value
AWG 20 to 22: 3A
Cable Size
AWG 24 to 28: 1A
AWG 30
: 0.5A
30V AC
Rating
sUL CSA Safety File No.
UL
: E52653
CSA
: LR95109
sMaterial
Product
Part
Material
Finish
Remarks
Socket
Insulator
Polyamide
White
UL94V-0
ID Contact for Socket
Contact
Phosphor copper
Tin plated or gold plated
––––––
Crimping Contact for Socket
Contact
Phosphor copper
Tin plated or gold plated
––––––
Pin Header
Insulator
Polyamide
White
UL94V-0
Contact
Brass
Tin plated or gold plated
––––––
In-line Plug
Insulator
Polyamide
White
UL94V-0
ID Contact for In-line Plug
Contact
Phosphor copper
Tin plated or gold plated
––––––
Crimping Contact for In-line Plug
Contact
Phosphor copper
Tin plated or gold plated
––––––
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF1B-30DS2.5DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-30DS-2.5RC HIROSE-DF1B-30DS-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-30DS-2.5RC MURATA-DF1B-30DS-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-30DS-2.5RC HIROSE-DF1B-30DS-2.5RC Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results

Similar Description - DF1B-30DS2.5DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com