Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF33-6P-3.3C Datasheet(PDF) 8 Page - Hirose Electric

Part # DF33-6P-3.3C
Description  3.3 mm Contact Pitch, Connectors for Internal Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33-6P-3.3C Datasheet(HTML) 8 Page - Hirose Electric

  DF33-6P-3.3C Datasheet HTML 1Page - Hirose Electric DF33-6P-3.3C Datasheet HTML 2Page - Hirose Electric DF33-6P-3.3C Datasheet HTML 3Page - Hirose Electric DF33-6P-3.3C Datasheet HTML 4Page - Hirose Electric DF33-6P-3.3C Datasheet HTML 5Page - Hirose Electric DF33-6P-3.3C Datasheet HTML 6Page - Hirose Electric DF33-6P-3.3C Datasheet HTML 7Page - Hirose Electric DF33-6P-3.3C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
B145
DF33 Series
3.3 mm Contact Pitch, Connectors for Internal Power Supplies
BPrecautions
●Forcefully unmating the connectors will risk damaging them; therefore, when it is difficult to unmate a
connector, first gently press down on it, then release the lock to allow removal.
●When performing a potting process, pay attention to the surface tension of the resin and fill the resin
accordingly.
●Depending on the method by which wires have been routed within the equipment, tension may be exerted
on the wires and a load applied to the contacts. Use of a retainer is recommended because of this.
●When reusing crimp contacts, raise the lance.
●Depending on the manufacturing lot and the storage conditions that have been used, the shade of the
molded parts may change somewhat; however, this will not affect performance.
BRating
The rated current listed in the catalog indicates the nominal current per contact. When all contacts will be
carrying current, use a current limited to about one third of the listed rating.
Note that even when the rated current of the connector body is 3 A, when the nominal current of the
specified wire is 1 A, the connector shall be used to handle 1 A overall.
Also, do not mate or unmate by hot plug. (See Note 1)
Note 1: The hot wire means that the wires are mated or unmated while electricity is being supplied to them.
BApplication Environment
Please contact us when the application environment is such that the equipment will be used under
repetitively hot and cold temperatures.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF33-6P-3.3C

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
Hirose Electric
DF33A-2022SC HIROSE-DF33A-2022SC Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33A-2022SCF HIROSE-DF33A-2022SCF Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33A-2022SCF(40) HIROSE-DF33A-2022SCF(40) Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33C HIROSE-DF33C Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
More results

Similar Description - DF33-6P-3.3C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF33C HIROSE-DF33C Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com