Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF24A50DP-0.9C Datasheet(PDF) 8 Page - Hirose Electric

Part # DF24A50DP-0.9C
Description  0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF24A50DP-0.9C Datasheet(HTML) 8 Page - Hirose Electric

  DF24A50DP-0.9C Datasheet HTML 1Page - Hirose Electric DF24A50DP-0.9C Datasheet HTML 2Page - Hirose Electric DF24A50DP-0.9C Datasheet HTML 3Page - Hirose Electric DF24A50DP-0.9C Datasheet HTML 4Page - Hirose Electric DF24A50DP-0.9C Datasheet HTML 5Page - Hirose Electric DF24A50DP-0.9C Datasheet HTML 6Page - Hirose Electric DF24A50DP-0.9C Datasheet HTML 7Page - Hirose Electric DF24A50DP-0.9C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DF24 Series
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
B304
7. Precautions
■Connector Mating/Un-mating
* Hold the socket at both ends (as illustrated on Fig.2) when mating or un-mating. The mating/un-
mating of the connectors must be within the indicated angle of 20° on both axis.
■Bundling of the Wires
* To avoid wire damage or termination faults bundling of the wires should be at the distance of 20 mm
min. from the socket (Fig. 3-1)
* When bundling at the distance less than the recommended 20 mm, it is critical to avoid sharp bend
radius (Fig. 3-2) or apply stretching or twisting forces (Fig. 3-3)
* Do not mate/un-mate connectors when not mounted on the board.
* Do not use connector as the only support for the board.
* Do not use flux compounds when hand soldering.
* Slight color shade difference of the insulator bodies will not affect the form, fit or function of the
connectors.
Bundling close to socket
Do not stretch
or twist
Sharp bend
Fig. 3-2
Fig. 3-3
Fig. 3-1
Fig. 3. Bundling requirements
Hold here
20°
20°
DO NOT MATE /
UN-MATE HOLDING
BY THE WIRES.
Fig. 2. Mating / Un-mating
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF24A50DP-0.9C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 16 DF24A-40DP-0.9V(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com