Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF5A-10S-5DSA Datasheet(PDF) 2 Page - Hirose Electric

Part # DF5A-10S-5DSA
Description  5mm Pitch Miniature Potting Connector for Secondary Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF5A-10S-5DSA Datasheet(HTML) 2 Page - Hirose Electric

  DF5A-10S-5DSA Datasheet HTML 1Page - Hirose Electric DF5A-10S-5DSA Datasheet HTML 2Page - Hirose Electric DF5A-10S-5DSA Datasheet HTML 3Page - Hirose Electric DF5A-10S-5DSA Datasheet HTML 4Page - Hirose Electric DF5A-10S-5DSA Datasheet HTML 5Page - Hirose Electric DF5A-10S-5DSA Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B124
DF5 Series
5mm Pitch Miniature Potting Connector for Secondary Power Supply
■Product Specifications
Item
Specification
Condition
1. Insulation Resistance 1000M ohms min.
500V DC
2. Withstanding voltage No flashover or insulation breakdown.
1500V AC/1 minute
3. Contact Resistance 30m ohms max.
100mA
4. Single Insertior/
0.3N (30gt) min., 4.5N (450gt) max.
Measured with 1.14±0.002mm steel pin
Extraction Force
5. Vibration
No electrical discontinuity of 10μs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6. Humidity (Steady state) Contact resistance: 30m ohms max., Insulation resistance: 500M ohms min. 96 hours at temperature of 40ç and humidity of 90% to 95%
7. Temperature Cycle Contact resistance: 30m ohms max., Insulation resistance: 1000M ohms min. (–55ç: 30 minutes
➝15 to 35ç: 10 minutes➝85ç: 30 minutes➝5 to 35ç: 10 minutes ) 5 cycles
8. Durability (Mating/un-mating) Contact resistance: 30m ohms max.
30 cycles
9.Resistance to
No deformation of
Flow: 260ç for 10 seconds
Soldering heat
components affecting performance.
Manual soldering: 350ç for 3 seconds
Product
Part
Material
Finish
Remarks
Crimping Socket
Insulator
Polyamide
White
UL94V-0
Crimping Contact for Socket
Contact
Phosphor bronze
Tin plated
--------------------
Pin header
Insulator
Polyamide
Beige
UL94V-0
Contact
Brass
Tin plated
--------------------
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during
transportation.
Note 3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and
specifications for a specific part number shown.
■Material
■Ordering Information
●Connector
●Contact
No. of rows
No. of contacts
AWG#18
AWG#20
AWG#22
Single row
2 to 10
8A
6A
5A
Operating Temperature Range
–35 to +85ç(Note 1)
48A
6A
5A
Operating Moisture Range
40 to 80%
68A
6A
5A
Rating
Current rating
87A
6A
5A
Double row
10
7A
6A
5A
12
7A
6A
4A
Storage Temperature Range
–10 to +60ç(Note 2)
14
7A
5A
4A
Storage Humidity Range
40 to 70%(Note 2)
16
7A
5A
4A
Voltage rating
500V AC
Contact Pitch: 5mm
Contact type
C
: Crimping Socket
DSA : Straight pin header
Series Name: DF5A
Number of contacts: Single row: 2 to 10
Double row: 4 to 16
Connector type
S
: Single row socket
DS
: Double row socket
P
: Single row header
DP
: Double row header
packaging type
SCF : Socket contact, reel packaging
SC : Socket contact, bag packaging
Applicable cable type
None: UL 1007 equivalent (jacket diameter 1.5 to 2.2mm)
A: UL 1015 equivalent (jacket diameter 2.2 to 2.9mm)
Applicable cable size
1822: AWG#18~#22
DF5A - 1822 SCF
1
2
3
1
1
3
2
4
5
2
3
1
DF5A
- * S - 5 C
2
3
4
5
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF5A-10S-5DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF5A-10S-5C HIROSE-DF5A-10S-5C Datasheet
230Kb / 6P
   5mm Pitch Miniature Potting Connector for Secondary Power Supply
DF5A-10S-5C HIROSE-DF5A-10S-5C Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
More results

Similar Description - DF5A-10S-5DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF5A-2S-5C HIROSE-DF5A-2S-5C Datasheet
230Kb / 6P
   5mm Pitch Miniature Potting Connector for Secondary Power Supply
DF5 HIROSE-DF5 Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
logo
Fujitsu Component Limit...
MB39A113 FUJITSU-MB39A113 Datasheet
643Kb / 51P
   ASSP for Power Supply Applications (Secondary Battery)
logo
STMicroelectronics
TEA5170 STMICROELECTRONICS-TEA5170 Datasheet
157Kb / 9P
   SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
logo
Hitachi Semiconductor
HA16341NT HITACHI-HA16341NT Datasheet
230Kb / 21P
   Redundant Secondary Switching Power Supply Controller
logo
Renesas Technology Corp
HA16341NT RENESAS-HA16341NT Datasheet
414Kb / 20P
   Redundant Secondary Switching Power Supply Controller
logo
Hirose Electric
MDF6-4DS-3.5C HIROSE-MDF6-4DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6 HIROSE-MDF6 Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com