Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF5A-16DP-5C Datasheet(PDF) 1 Page - Hirose Electric

Part # DF5A-16DP-5C
Description  5mm Pitch Miniature Potting Connector for Secondary Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF5A-16DP-5C Datasheet(HTML) 1 Page - Hirose Electric

  DF5A-16DP-5C Datasheet HTML 1Page - Hirose Electric DF5A-16DP-5C Datasheet HTML 2Page - Hirose Electric DF5A-16DP-5C Datasheet HTML 3Page - Hirose Electric DF5A-16DP-5C Datasheet HTML 4Page - Hirose Electric DF5A-16DP-5C Datasheet HTML 5Page - Hirose Electric DF5A-16DP-5C Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B123
5mm Pitch Miniature Potting Connector for Secondary Power Supply
DF5 Series
■Features
1. Potting Product
This connector is capable of potting 9mm maximum, and
22.5mm mounting height is a low profile. (Figure 1).
2. Prevent Mis-insertion
When the socket and pin header are mated, this connector is
equipped with a mechanism to prevent reverse insertion or
dissimilar contact insertion.
3. Means to Prevent Solder Cracks
The pin header employs glass enforced resin, and takes
countermeasures to prevent solder cracks due to heat shrinkage.
4. Prevent Reverse Insertion in Printed Board
Boss is added to the pin header, and prevents reverse
insertion in the printed board.
5. Full Lock Mechanism
The outer lock system employs full lock mechanism.
6. Current Capacity of 8A
Power can be supplied at 8 A maximum. Specification will
change according to applicable cable, number of contacts,
number of rows. For further information, refer to product
specifications as listed on next page.
■Applications
Business machines, industrial equipment, consumer
appliances (hot water supply, washing machines, refrigerator)
etc.
Figure 1-1
Single row type
Figure 1-2
Double row type
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF5A-16DP-5C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF5A-16DP-5DSA HIROSE-DF5A-16DP-5DSA Datasheet
230Kb / 6P
   5mm Pitch Miniature Potting Connector for Secondary Power Supply
DF5A-16DP-5DSA(35) HIROSE-DF5A-16DP-5DSA(35) Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
More results

Similar Description - DF5A-16DP-5C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF5A-2S-5C HIROSE-DF5A-2S-5C Datasheet
230Kb / 6P
   5mm Pitch Miniature Potting Connector for Secondary Power Supply
DF5 HIROSE-DF5 Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
logo
Fujitsu Component Limit...
MB39A113 FUJITSU-MB39A113 Datasheet
643Kb / 51P
   ASSP for Power Supply Applications (Secondary Battery)
logo
STMicroelectronics
TEA5170 STMICROELECTRONICS-TEA5170 Datasheet
157Kb / 9P
   SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
logo
Hitachi Semiconductor
HA16341NT HITACHI-HA16341NT Datasheet
230Kb / 21P
   Redundant Secondary Switching Power Supply Controller
logo
Renesas Technology Corp
HA16341NT RENESAS-HA16341NT Datasheet
414Kb / 20P
   Redundant Secondary Switching Power Supply Controller
logo
Hirose Electric
MDF6-4DS-3.5C HIROSE-MDF6-4DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6 HIROSE-MDF6 Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com