Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF24-40DS-0.9C Datasheet(PDF) 3 Page - Hirose Electric

Part # DF24-40DS-0.9C
Description  0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF24-40DS-0.9C Datasheet(HTML) 3 Page - Hirose Electric

  DF24-40DS-0.9C Datasheet HTML 1Page - Hirose Electric DF24-40DS-0.9C Datasheet HTML 2Page - Hirose Electric DF24-40DS-0.9C Datasheet HTML 3Page - Hirose Electric DF24-40DS-0.9C Datasheet HTML 4Page - Hirose Electric DF24-40DS-0.9C Datasheet HTML 5Page - Hirose Electric DF24-40DS-0.9C Datasheet HTML 6Page - Hirose Electric DF24-40DS-0.9C Datasheet HTML 7Page - Hirose Electric DF24-40DS-0.9C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P=0.9±0.03
0.5±0.03
A±0.05
Contact
Contact
No.1
No.2
■Double-row header (SMT)
■PCB mounting pattern
Part number
CL No.
Number of contacts
A
B
Packaging
RoHS
Unit: mm
DF24A-40DP-0.9V(**)
DF24A-50DP-0.9V(**)
687-3208-0-**
687-3209-2-**
40
50
17.1
21.6
19.6
24.1
1,000 pcs. / reel
YES
1,000 pcs. / reel
D
+2
0
(D+6)MAX
Ø13±0.2
Ø21±0.8
2±0.5
Part number label
A
4.55±0.15
Unreeling direction
A
0.4±0.1
Section A-A
4±0.1
2±0.1
12±0.1
■Packaging specifications
B299
DF24 Series
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
B
A
A
Contact
Contact
0.15
P=0.9
P=0.9
Specification number
(51): Embossed tape packaging (1,000 pieces per reel).
Part number
Number of contacts
A
B
C
D
Unit: mm
DF24A-40DP-0.9V(**)
40
50
32
44
28.4
40.4
14.2
20.2
32.4
44.4
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF24-40DS-0.9C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF24-2830SCFA HIROSE-DF24-2830SCFA Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24-3234SCFA HIROSE-DF24-3234SCFA Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24-36SCFA HIROSE-DF24-36SCFA Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24-50DS-PTB HIROSE-DF24-50DS-PTB Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
More results

Similar Description - DF24-40DS-0.9C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
logo
TE Connectivity Ltd
ENG_DS_2207 TEC-ENG_DS_2207 Datasheet
5Mb / 9P
   2.54 mm Wire-to-Board Connectors
03/22
logo
Hirose Electric
DF49 HIROSE-DF49 Datasheet
1Mb / 11P
   0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
MDF76KBW-30P-1C HIROSE-MDF76KBW-30P-1C Datasheet
490Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com