Electronic Components Datasheet Search |
|
LF10-WBR-20P Datasheet(PDF) 1 Page - Hirose Electric |
|
LF10-WBR-20P Datasheet(HTML) 1 Page - Hirose Electric |
1 / 11 page 1 Miniature Waterproof Shielded Connectors LF Series ■Features 1. Ease of shielded termination and connector assembly All components are self-aligning and do not require complex assembly tooling. The shield of the cable is connected with the metal housing of the connector using simple shielding clamp, supplied with the connector. 2. Water and dust protected IP67 protection rating. Complete protection against dust penetration and against water penetration when mated assembly is submerged at the depth of 1.8 meter for 48 hours. 3. Bayonet lock Short turn bayonet lock assures secure vibration resistant mating of the connectors. 4. High current rating capacity 5. RoHS compliant All components and materials comply with the requirements of the EU Directive 2002/95/EC. ■Applications Sensors, robots, injection molding machines, NC, factory automation equipment, surveying instruments, measuring instruments, medical equipment, surveillance cameras and base stations. 2008.5 NEW Mating: Insert the plug, and then turn the locking collar clockwise, as indicated by the coupling direction marking. Plug Locking collar Receptacle Un-mating: Turn the locking collar counter-clockwise than pull off the plug. Coupling direction marking Coupling direction marking 36.4 Receptacle Plug 8.9 mm max. (3 pos.) Mated dimensions Short turn bayonet lock Built-in shield connection spring Cable shielding connection clamp Cable Shielding Connection - Plug Number of contacts 3 4 6, 12 and 20 11 Current rating 5A max. 10A max. 2A max. 10A max. 2A max. The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - LF10-WBR-20P |
|
Similar Description - LF10-WBR-20P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |