Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF33-4S-3.3C Datasheet(PDF) 7 Page - Hirose Electric

Part # DF33-4S-3.3C
Description  3.3 mm Contact Pitch, Connectors for Internal Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33-4S-3.3C Datasheet(HTML) 7 Page - Hirose Electric

  DF33-4S-3.3C Datasheet HTML 1Page - Hirose Electric DF33-4S-3.3C Datasheet HTML 2Page - Hirose Electric DF33-4S-3.3C Datasheet HTML 3Page - Hirose Electric DF33-4S-3.3C Datasheet HTML 4Page - Hirose Electric DF33-4S-3.3C Datasheet HTML 5Page - Hirose Electric DF33-4S-3.3C Datasheet HTML 6Page - Hirose Electric DF33-4S-3.3C Datasheet HTML 7Page - Hirose Electric DF33-4S-3.3C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
B144
DF33 Series
3.3 mm Contact Pitch, Connectors for Internal Power Supplies
■Crimp contact for socket
BContact Extraction
■ Contact extraction tool : DF33-C-PO
■ Intended crimp Contacts: DF33A-2022SC(F)
■ Work Method
: DF33-*S-3.3C, DF33A-2022SCF
Contact lance
Contact extraction tool
(1)
Cautions
Take particular care in removing the contact, thus not being subject to injury at convex portion
edge of the crimping contact.
Wiresize indicator
0.5
1.3
7.5
2.15
t=0.2
Part Number
CL No.
RoHS
Applicable cable
UL Style
Jacket diameter
Wire size
DF33A-2022SCF
DF33A-2022SC
CL676-1093-5
CL676-1094-8
1007
1.5 to 1.9mm
AWG#20
AWG#22
Packaging
10,000 pcs./reel
100 pcs./bag
YES
Stranded wire conductor
21/0.18mm
17/0.16mm
Note 1: Applicable wire with tin plated solid soft conductor.
Note 2: When using other than the recommended wire, contact your nearest Hirose representative.
Note 3: Strip length: 2.7 to 3.5mm
Part Number
CL No.
Applicable contacts
Type
Item
BTools
AP105-DF33-2022S
HT102/DF33-2022S
DF33-C-P0
CL901-4603-8
CL550-0290-0
CL902-4551-2
Automatic
Manual
----------
Applicator
Crimp tool
Contact extraction tool
DF33A-2022SCF
DF33A-2022SC
DF33A-2022SC(F)
Housing Cross-Sectional Diagram
1. Refer to the drawing No. 1. Insert
contact extraction tool in the
insulator against the lance. Deflect
the lance as shown.
(2)
2. Assure that the lance is deflected
to release the contact and pull- out
wire with the terminated contact.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF33-4S-3.3C

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
Hirose Electric
DF33A-2022SC HIROSE-DF33A-2022SC Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33A-2022SCF HIROSE-DF33A-2022SCF Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33A-2022SCF(40) HIROSE-DF33A-2022SCF(40) Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF33C HIROSE-DF33C Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
More results

Similar Description - DF33-4S-3.3C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF33C HIROSE-DF33C Datasheet
375Kb / 8P
   3.3mm Pitch Small Size Connectors for Internal Power Source
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com