Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT1-252S-SV Datasheet(PDF) 5 Page - Hirose Electric

Part # IT1-252S-SV
Description  High Speed, Matched-Impedance, Parallel Board-to-board Connector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT1-252S-SV Datasheet(HTML) 5 Page - Hirose Electric

  IT1-252S-SV Datasheet HTML 1Page - Hirose Electric IT1-252S-SV Datasheet HTML 2Page - Hirose Electric IT1-252S-SV Datasheet HTML 3Page - Hirose Electric IT1-252S-SV Datasheet HTML 4Page - Hirose Electric IT1-252S-SV Datasheet HTML 5Page - Hirose Electric IT1-252S-SV Datasheet HTML 6Page - Hirose Electric IT1-252S-SV Datasheet HTML 7Page - Hirose Electric IT1-252S-SV Datasheet HTML 8Page - Hirose Electric IT1-252S-SV Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
A298
IT1 Series
High Speed, Matched-Impedance, Parallel Board-to-board Connector System
■Transmission Module - 168 Contacts
■Connection Table
19
168
(4.2)
57±0.5
55±0.3
a row
b row
Locking Protrusion
(2 Sides)
56±0.3
Mating side
Board Mounting side
1
A
1
Fig. 1
The connection table indicates contact numbers in the mated condition,as illustrated in Fig. 1.
a row
Signal
Signal
Signal
Signal
Ground
Ground
Ground
Ground
α - β
a01 - a84
a02 - a83
a03 - a82
a04 - a81
a05 - a80
a06 - a79
a07 - a78
a08 - a77
a17 - a68
a18 - a67
a19 - a66
a20 - a65
a29 - a56
a30 - a55
a31 - a54
a32 - a53
a41 - a44
a42 - a43
a43 - a42
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
Signal
Signal
Signal
Signal
Ground
Ground
Ground
α - β
a44 - a41
a53 - a32
a54 - a31
a55 - a30
a56 - a29
a65 - a20
a66 - a19
a67 - a18
a68 - a17
a77 - a08
a78 - a07
a79 - a06
a80 - a05
a81 - a04
a82 - a03
a83 - a02
a84 - a01
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
b row
Signal
Signal
Signal
Signal
Ground
Ground
Ground
Ground
α - β
b01 - b84
b02 - b83
b03 - b82
b04 - b81
b05 - b80
b06 - b79
b07 - b78
b08 - b77
b17 - b68
b18 - b67
b19 - b66
b20 - b65
b29 - b56
b30 - b55
b31 - b54
b32 - b53
b41 - b44
b42 - b43
b43 - b42
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
Signal
Signal
Signal
Signal
Ground
Ground
Ground
α - β
b44 - b41
b53 - b32
b54 - b31
b55 - b30
b56 - b29
b65 - b20
b66 - b19
b67 - b18
b68 - b17
b77 - b08
b78 - b07
b79 - b06
b80 - b05
b81 - b04
b82 - b03
b83 - b02
b84 - b01
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
ıı
Part Number
IT1-168P/28-19H
CL No.
641-0192-8
Board-to-board Distance
19mm
A
18.4
B
18.4
C
RoHS
16.6
YES
IT1-168P/28-30H
641-0303-7
30mm
13.9
13.9
17.6
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - IT1-252S-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT1-252S-SV HIROSE-IT1-252S-SV Datasheet
1Mb / 17P
   High Speed, Matched-Impedance, Parallel Board-to-board Connector System
IT1-252S-SV HIROSE-IT1-252S-SV Datasheet
538Kb / 17P
   High Speed, Matched-Impedance, Parallel Board-to-board Connector
More results

Similar Description - IT1-252S-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT1 HIROSE-IT1 Datasheet
538Kb / 17P
   High Speed, Matched-Impedance, Parallel Board-to-board Connector
IT1-168S-SV HIROSE-IT1-168S-SV Datasheet
1Mb / 17P
   High Speed, Matched-Impedance, Parallel Board-to-board Connector System
logo
Japan Aviation Electron...
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
   BOARD TO BOARD CONNECTOR
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
   Board to Board Connector
5678 KSS-5678 Datasheet
675Kb / 2P
   Board to Board Connector
5047 KSS-5047 Datasheet
325Kb / 2P
   Board to Board Connector
5689 KSS-5689 Datasheet
525Kb / 2P
   Board to Board Connector
5802 KSS-5802 Datasheet
380Kb / 2P
   Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com