Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN7R0-60YS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN7R0-60YS
Description  N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN7R0-60YS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN7R0-60YS Datasheet HTML 5Page - NXP Semiconductors PSMN7R0-60YS Datasheet HTML 6Page - NXP Semiconductors PSMN7R0-60YS Datasheet HTML 7Page - NXP Semiconductors PSMN7R0-60YS Datasheet HTML 8Page - NXP Semiconductors PSMN7R0-60YS Datasheet HTML 9Page - NXP Semiconductors PSMN7R0-60YS Datasheet HTML 10Page - NXP Semiconductors PSMN7R0-60YS Datasheet HTML 11Page - NXP Semiconductors PSMN7R0-60YS Datasheet HTML 12Page - NXP Semiconductors PSMN7R0-60YS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PSMN7R0-60YS_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 30 March 2010
9 of 15
NXP Semiconductors
PSMN7R0-60YS
N-channel LFPAK 60 V 6.4 m
Ω standard level MOSFET
Fig 13. Drain-source on-state resistance as a function
of drain current; typical values
Fig 14. Gate charge waveform definitions
Fig 15. Gate-source voltage as a function of gate
charge; typical values
Fig 16. Drain-source on-state resistance as a function
of drain current; typical values
003aae061
4
5
6
7
8
9
10
0
2040
6080
100
ID(A)
RDSon
(m
Ω)
VGS(V) = 5
6.5
6
8
10
5.5
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
003aae063
0
2
4
6
8
10
020
40
60
QG (nC)
VGS
(V)
VDS= 30V
48V
12V
003a a e 060
10
2
10
3
10
4
10
-1
1
10
10
2
VDS(V)
C
(pF)
Cis s
Crs s
Cos s


Similar Part No. - PSMN7R0-60YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R0-60YS NEXPERIA-PSMN7R0-60YS Datasheet
808Kb / 15P
   N-channel LFPAK 60 V 6.4 mΩ standard level MOSFET
Rev. 02 - 30 March 2010
More results

Similar Description - PSMN7R0-60YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R0-60YS NEXPERIA-PSMN7R0-60YS Datasheet
808Kb / 15P
   N-channel LFPAK 60 V 6.4 mΩ standard level MOSFET
Rev. 02 - 30 March 2010
logo
NXP Semiconductors
PSMN017-60YS NXP-PSMN017-60YS Datasheet
251Kb / 15P
   N-channel LFPAK 60 V 15.7 m廓 standard level MOSFET
Rev. 02-1 April 2010
PSMN030-60YS_1010 PHILIPS-PSMN030-60YS_1010 Datasheet
228Kb / 15P
   N-channel LFPAK 60 V 24.7 m廓 standard level MOSFET
Rev. 02-25 October 2010
PSMN012-60YS NXP-PSMN012-60YS Datasheet
241Kb / 15P
   N-channel LFPAK 60 V, 11.1 m廓 standard level MOSFET
Rev. 01-5 January 2010
PSMN030-60YS NXP-PSMN030-60YS Datasheet
238Kb / 13P
   N-channel LFPAK 60 V 24.7 m廓 standard level MOSFET
Rev. 01-11 February 2010
PSMN8R5-60YS PHILIPS-PSMN8R5-60YS_15 Datasheet
258Kb / 14P
   N-channel LFPAK 60 V, 8 m廓 standard level MOSFET
22 July 2015
PSMN8R5-60YS NXP-PSMN8R5-60YS Datasheet
250Kb / 15P
   N-channel LFPAK 60 V, 8 m廓 standard level MOSFET
Rev. 01-22 December 2009
PSMN5R5-60YS NXP-PSMN5R5-60YS Datasheet
261Kb / 15P
   N-channel LFPAK 60 V, 5.2 m廓 standard level FET
Rev. 02-24 December 2009
logo
Nexperia B.V. All right...
PSMN4R0-60YS NEXPERIA-PSMN4R0-60YS Datasheet
753Kb / 13P
   N-channel LFPAK 60 V, 4.0 m廓 standard level FET
logo
NXP Semiconductors
PSMN4R0-60YS PHILIPS-PSMN4R0-60YS_15 Datasheet
272Kb / 13P
   N-channel LFPAK 60 V, 4.0 m廓 standard level FET
14 May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com