Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19L-8S-1VGND Datasheet(PDF) 3 Page - Hirose Electric

Part # DF19L-8S-1VGND
Description  1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19L-8S-1VGND Datasheet(HTML) 3 Page - Hirose Electric

  DF19L-8S-1VGND Datasheet HTML 1Page - Hirose Electric DF19L-8S-1VGND Datasheet HTML 2Page - Hirose Electric DF19L-8S-1VGND Datasheet HTML 3Page - Hirose Electric DF19L-8S-1VGND Datasheet HTML 4Page - Hirose Electric DF19L-8S-1VGND Datasheet HTML 5Page - Hirose Electric DF19L-8S-1VGND Datasheet HTML 6Page - Hirose Electric DF19L-8S-1VGND Datasheet HTML 7Page - Hirose Electric DF19L-8S-1VGND Datasheet HTML 8Page - Hirose Electric DF19L-8S-1VGND Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
B255
DF19 Series
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19 # -
*
* S - 1 F - GND
Ordering information
DF19 # -
*
* P - 1 H
1
3
4
5
2
6
3
4
5
2
6
1
7
Series Name
: DF19
Configuration
Receptacle
G: Top-board mounting (1.65mm high)
K : Offset mounting (1.0mm high)
L
: Offset mounting (1.1mm high)
KR : Reverse offset mounting version of
DF19K (1.0mm high)
Plug
Blank : No grounding plate
G
: With grounding plate
Plug for FPC
G
: With grounding plate
Grounding plate for FPC
G
: With grounding plate
Plug for micro-coaxial cable
G
: With grounding plate
Grounding plate for micro-coaxial cable
G
: With grounding plate
1
Number of contacts : 8,14,20,30 (Note 1)
2
3
4 Connector type
S : Plug
P : Receptacle
Contact pitch : 1mm
Mounting type/Termination type
H
: Horizontal SMT
V
: Vertical SMT
C
: Socket-discrete wire (crimp contact)
F
: Plug – FPC
SD
: Plug – micro-coaxial cable
Additional separate component
GND : Ground plate (Note 2)
Note 1: Number of contacts will differ depending on the connector style.
Note 2: Grounding plates are required when terminating with the FPC and micro-coaxial cable.
Conductor size
2830 : AWG#28~#30
3032 : AWG#30~#32
0036 : AWG#36
Contact type
SCF : Plug contact, tape and reel
packaging
Plating
A : Gold
Packaging
Blank : 10,000 pieces / reel
(41)
: 20,000 pieces / reel
Connector
DF19A - 2830 SCF A (
*
* *
*)
3
3
1
1
2
2
4
Contact
5
6
7
4
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF19L-8S-1VGND

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19L-8S-1C HIROSE-DF19L-8S-1C Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
DF19L-8S-1CGND HIROSE-DF19L-8S-1CGND Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
DF19L-8S-1F HIROSE-DF19L-8S-1F Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
DF19L-8S-1FGND HIROSE-DF19L-8S-1FGND Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
DF19L-8S-1H HIROSE-DF19L-8S-1H Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
More results

Similar Description - DF19L-8S-1VGND

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
EXCEL CELL ELECTRONIC C...
EFC-PM24 ECE-EFC-PM24 Datasheet
280Kb / 4P
   1 mm Contact Spacing, ZIF Type Board To FPC Connectors
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com