Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1EC-07P-2.5DSA Datasheet(PDF) 11 Page - Hirose Electric

Part # DF1EC-07P-2.5DSA
Description  2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1EC-07P-2.5DSA Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF1EC-07P-2.5DSA Datasheet HTML 7Page - Hirose Electric DF1EC-07P-2.5DSA Datasheet HTML 8Page - Hirose Electric DF1EC-07P-2.5DSA Datasheet HTML 9Page - Hirose Electric DF1EC-07P-2.5DSA Datasheet HTML 10Page - Hirose Electric DF1EC-07P-2.5DSA Datasheet HTML 11Page - Hirose Electric DF1EC-07P-2.5DSA Datasheet HTML 12Page - Hirose Electric DF1EC-07P-2.5DSA Datasheet HTML 13Page - Hirose Electric DF1EC-07P-2.5DSA Datasheet HTML 14Page - Hirose Electric DF1EC-07P-2.5DSA Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
B156
DF1E Series
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
■Retainer
Note 1. : A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the products per bag. However, the quantity
for delivery will be changed according to spec number.
Note 2. : The 2 to 4 contacts contain socket and plug fixed holes at both ends.
* This retainer can be used together with the socket and relay plug.
Part Number
Number of Contacts
A
B
RoHS
CL No.
Mold Cavity
No. mark
Contact No. mark
1.9
A
P = 2.5
B
0.7
1.7
Note2
Note2
1 0
A
DF1E –02RS/P–2.5
DF1E –03RS/P–2.5
DF1E –04RS/P–2.5
DF1E –05RS/P–2.5
DF1E –06RS/P–2.5
DF1E –07RS/P–2.5
DF1E –08RS/P–2.5
DF1E –09RS/P–2.5
DF1E –10RS/P–2.5
541 – 0971 – 6
541 – 0972 – 9
541 – 0973 – 1
541 – 0974 – 4
541 – 0975 – 7
541 – 0976 – 0
541 – 0977 – 2
541 – 0978 – 5
541 – 0979 – 8
2
3
4
5
6
7
8
9
10
08.0
10.5
13.0
15.5
18.0
20.5
23.0
25.5
28.0
02.5
05.0
07.5
10.0
12.5
15.0
17.5
20.0
22.5
Yes
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF1EC-07P-2.5DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 17 DF1EC-07P-2.5DSA(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com