Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN2R7-30PL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN2R7-30PL
Description  N-channel 30 V 2.7 m廓 logic level MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN2R7-30PL Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN2R7-30PL Datasheet HTML 1Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 2Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 3Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 4Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 5Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 6Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 7Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 8Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PSMN2R7-30PL_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 — 26 February 2010
5 of 14
NXP Semiconductors
PSMN2R7-30PL
N-channel 30 V 2.7 m
Ω logic level MOSFET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj =25°C
30
-
-
V
ID =250 µA; VGS =0V; Tj =-55 °C
27
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS = VGS; Tj =25°C;
see Figure 10 and 11
1.3
1.7
2.15
V
ID =1mA; VDS = VGS; Tj = 175 °C;
see Figure 11
0.5
-
-
V
ID =1mA; VDS = VGS; Tj =-55 °C;
see Figure 11
-
-
2.45
V
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj =25°C
-
-
2
µA
VDS =30V; VGS =0V; Tj = 125 °C
-
-
60
µA
IGSS
gate leakage current
VGS =16V; VDS =0V; Tj = 25 °C
-
-
100
nA
VGS =-16 V; VDS =0V; Tj = 25 °C
-
-
100
nA
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID =25A; Tj =25°C;
see Figure 12
-2.9
3.6
m
VGS =10V; ID =25A; Tj = 100 °C;
see Figure 13
--
3.5
m
VGS =10V; ID =25A; Tj =25°C;
see Figure 12
[2]
-2.3
2.7
m
RG
gate resistance
f = 1 MHz
-
1
-
Dynamic characteristics
QG(tot)
total gate charge
ID =25A; VDS =15V; VGS =10V;
see Figure 14 and 15
-66
-
nC
ID =0A; VDS =0V; VGS =10V
-
60
-
nC
ID =25A; VDS =15V; VGS =4.5 V;
see Figure 14 and 15
-32
-
nC
QGS
gate-source charge
-
12
-
nC
QGS(th)
pre-threshold
gate-source charge
-6.4
-nC
QGS(th-pl)
post-threshold
gate-source charge
-5.6
-nC
QGD
gate-drain charge
-
8
-
nC
VGS(pl)
gate-source plateau
voltage
VDS = 15 V
-2.7
-V
Ciss
input capacitance
VDS =12V; VGS = 0 V; f = 1 MHz;
Tj =25°C; see Figure 16
-
3950
-
pF
Coss
output capacitance
-
820
-
pF
Crss
reverse transfer
capacitance
-
360
-
pF
td(on)
turn-on delay time
VDS =12V; RL =0.5 Ω; VGS =4.5 V;
RG(ext) =4.7 Ω
-46
-
ns
tr
rise time
-
80
-
ns
td(off)
turn-off delay time
-
75
-
ns
tf
fall time
-
35
-
ns


Similar Part No. - PSMN2R7-30PL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN2R7-30PL ISC-PSMN2R7-30PL Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN2R7-30PL NEXPERIA-PSMN2R7-30PL Datasheet
818Kb / 15P
   N-channel 30 V 2.7 mΩ logic level MOSFET in TO-220
Rev. 02 - 2 November 2010
More results

Similar Description - PSMN2R7-30PL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R6-30PL NXP-PSMN1R6-30PL Datasheet
233Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN2R0-30PL NXP-PSMN2R0-30PL Datasheet
220Kb / 13P
   N-channel 30 V 2.1 m廓 logic level MOSFET
Rev. 01-24 June 2009
PSMN013-30LL NXP-PSMN013-30LL Datasheet
176Kb / 13P
   N-channel 30 V 13 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN3R5-30LL NXP-PSMN3R5-30LL Datasheet
179Kb / 13P
   N-channel 30 V 3.6 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN4R3-30PL NXP-PSMN4R3-30PL Datasheet
223Kb / 13P
   N-channel 30 V 4.3 m廓 logic level MOSFET
Rev. 01-16 June 2009
PSMN1R6-30PL127 NXP-PSMN1R6-30PL127 Datasheet
233Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN9R0-30LL NXP-PSMN9R0-30LL Datasheet
176Kb / 13P
   N-channel QFN3333 30 V 9 m廓 logic level MOSFET
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
BUK9K5R1-30E NEXPERIA-BUK9K5R1-30E Datasheet
730Kb / 13P
   Dual N-channel 30 V, 5.3 m廓 logic level MOSFET
BUK9K5R6-30E NEXPERIA-BUK9K5R6-30E Datasheet
721Kb / 13P
   Dual N-channel 30 V, 5.8 m廓 logic level MOSFET
logo
NXP Semiconductors
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com