Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3K316T Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # SSM3K316T
Description  Fiwld Effect Transistor Silicon N Channel MOS Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K316T Datasheet(HTML) 5 Page - Toshiba Semiconductor

  SSM3K316T Datasheet HTML 1Page - Toshiba Semiconductor SSM3K316T Datasheet HTML 2Page - Toshiba Semiconductor SSM3K316T Datasheet HTML 3Page - Toshiba Semiconductor SSM3K316T Datasheet HTML 4Page - Toshiba Semiconductor SSM3K316T Datasheet HTML 5Page - Toshiba Semiconductor SSM3K316T Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SSM3K316T
2008-10-20
5
Pulse width tw (s)
rth – tw
1
100
1000
10
0.001
0.01
0.1
1000
1
10
100
Single Pulse
a: Mounted on FR4 board
(25.4mm × 25.4mm × 1.6mm ,
Cu Pad : 645 mm
2)
b: Mounted on FR4 board
(25.4mm × 25.4mm × 1.6mm ,
Cu Pad : 0.8 mm
2×3)
b
a
Ambient temperature Ta (°C)
PD – Ta
800
0
200
120
100
140
400
600
160
1000
80
60
40
20
0
-20
-40
a
b
a: Mounted on FR4 board
(25.4mm × 25.4mm × 1.6mm ,
Cu Pad : 645 mm
2)
b: Mounted on FR4 board
(25.4mm × 25.4mm × 1.6mm ,
Cu Pad : 0.8 mm
2×3)


Similar Part No. - SSM3K316T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K316T TOSHIBA-SSM3K316T Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
SSM3K316T VBSEMI-SSM3K316T Datasheet
482Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SSM3K316T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N36FE TOSHIBA-SSM6N36FE Datasheet
203Kb / 5P
   Fiwld Effect Transistor Silicon N-Channel MOS Type
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
   FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
   Field Effect Transistor Silicon N Channel MOS Type
SSM3K329R TOSHIBA-SSM3K329R Datasheet
222Kb / 7P
   Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N35FE TOSHIBA-SSM6N35FE Datasheet
193Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
TPC8006-H TOSHIBA-TPC8006-H Datasheet
297Kb / 5P
   FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE
TPCT4204 TOSHIBA-TPCT4204 Datasheet
124Kb / 4P
   Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com