Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U.FL-LP-068N2T-A-L Datasheet(PDF) 1 Page - Hirose Electric

Part # U.FL-LP-068N2T-A-L
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-LP-068N2T-A-L Datasheet(HTML) 1 Page - Hirose Electric

  U.FL-LP-068N2T-A-L Datasheet HTML 1Page - Hirose Electric U.FL-LP-068N2T-A-L Datasheet HTML 2Page - Hirose Electric U.FL-LP-068N2T-A-L Datasheet HTML 3Page - Hirose Electric U.FL-LP-068N2T-A-L Datasheet HTML 4Page - Hirose Electric U.FL-LP-068N2T-A-L Datasheet HTML 5Page - Hirose Electric U.FL-LP-068N2T-A-L Datasheet HTML 6Page - Hirose Electric U.FL-LP-068N2T-A-L Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL Series
2009.2w
U.FL-LP(V)-040
U.FL-LP-040
U.FL-LP-066
E.FL-LP-040
E.FL-LP-066
U.FL
E.FL
U.FL-LP-040
Plug
Plug
Plug
Plug
Plug
Cable
Cable
Cable
Cable
Cable
U.FL-LP-066
U.FL-LP(V)-040
U.FL-LP-062
U.FL-LP-088
U.FL-R-SMT-1
Receptacle
U.FL-R-SMT-1
Receptacle
U.FL-R-SMT-1
Receptacle
U.FL-R-SMT-1
Receptacle
U.FL-R-SMT-1
Receptacle
Dia.0.81
Dia.1.32
Dia.1.13
Dia.0.81
Dia.1.00
Dia.1.37
sFeatures
1. Nominal mated height of 1.9 or 2.4mm (Max. 2.0 or 2.5mm)
2. Small mounting area
The receptacle occupies an area of 7.7mm2.
3. Light weight
Receptacle: 15.7mg
4. Accepts high frequency transmission.
To meet the frequency requirements of a wide variety of
miniature devices, the connectors offer high frequency
performance from DC to 6GHz, with a V.S.W.R. of 1.3 to 1.5
max.
5. Automatic board placement
Packaged on tape-and-reel the receptacles can be placed with
vacuum nozzles of the automatic placement equipment.
6. Plugs are terminated with ultra-fine coaxial
(fluorinated resin insulated) cable
Standard ultra-fine coaxial cable of 0.81mm diameter (single
braid shielding) is used for the plug termination, assuring secure
and stable connections.
7. Simple connector mating / unmating
Use of available extraction tool assures correct disconnection
of the plug and receptacle.
8. Verification of the fully mated condition
Tactile click sensation confirms fully mated condition, assuring
complete electrical and mechanical connection.
sApplications
Cellular phones, PHS, mobile phones, wireless communication
devices, electronic measuring instruments, GPS, wireless LAN,
Bluetooth and any application requiring high frequency
transmission using small coaxial connectors.
Mated height comparison (with E.FL series)
qSpace Factor of Mated Connector
Up to 6GHz Transmission Speed
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - U.FL-LP-068N2T-A-L

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-LP-068N2-A-(L) HIROSE-U.FL-LP-068N2-A-(L) Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results

Similar Description - U.FL-LP-068N2T-A-L

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com