Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL346 Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL346
Description  3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346 Datasheet(HTML) 3 Page - Analog Devices

  ADXL346 Datasheet HTML 1Page - Analog Devices ADXL346 Datasheet HTML 2Page - Analog Devices ADXL346 Datasheet HTML 3Page - Analog Devices ADXL346 Datasheet HTML 4Page - Analog Devices ADXL346 Datasheet HTML 5Page - Analog Devices ADXL346 Datasheet HTML 6Page - Analog Devices ADXL346 Datasheet HTML 7Page - Analog Devices ADXL346 Datasheet HTML 8Page - Analog Devices ADXL346 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ADXL346
Rev. 0 | Page 3 of
40
SPECIFICATIONS
TA = 25°C, VS = 2.6 V, VDD I/O = 1.8 V, acceleration = 0 g, CS = 10 μF tantalum, CI/O = 0.1 μF, ODR = 800 Hz, unless otherwise noted.
Table 1. Specifications
Parameter
Test Conditions
Min1
Typ2
Max1
Unit
SENSOR INPUT
Each axis
Measurement Range
User selectable
±2, ±4, ±8, ±16
g
Nonlinearity
Percentage of full scale
±0.5
%
Inter-Axis Alignment Error
±0.1
Degrees
Cross-Axis Sensitivity3
±1
%
OUTPUT RESOLUTION
Each axis
All g Ranges
10-bit resolution
10
Bits
±2 g Range
Full resolution
10
Bits
±4 g Range
Full resolution
11
Bits
±8 g Range
Full resolution
12
Bits
±16 g Range
Full resolution
13
Bits
SENSITIVITY
Each axis
Sensitivity at XOUT, YOUT, ZOUT
All g ranges, full resolution
230
256
282
LSB/g
±2 g, 10-bit resolution
230
256
282
LSB/g
±4 g, 10-bit resolution
115
128
141
LSB/g
±8 g, 10-bit resolution
57
64
71
LSB/g
±16 g, 10-bit resolution
29
32
35
LSB/g
Sensitivity Deviation from Ideal
All g ranges
±1.0
%
Scale Factor at XOUT, YOUT, ZOUT
All g ranges, full resolution
3.5
3.9
4.3
mg/LSB
±2 g, 10-bit resolution
3.5
3.9
4.3
mg/LSB
±4 g, 10-bit resolution
7.1
7.8
8.7
mg/LSB
±8 g, 10-bit resolution
14.1
15.6
17.5
mg/LSB
±16 g, 10-bit resolution
28.6
31.2
34.5
mg/LSB
Sensitivity Change Due to Temperature
±0.02
%/°C
0 g OFFSET
Each axis
0 g Output for XOUT, YOUT, ZOUT
−150
0
+150
mg
0 g Output Deviation from Ideal
±35
mg
0 g Offset vs. Temperature for X-, Y-Axes
±0.7
mg/°C
0 g Offset vs. Temperature for Z-Axis
±1.3
mg/°C
NOISE
X-, Y-Axes
ODR = 100 Hz for ±2 g, 10-bit
resolution or all g ranges, full
resolution
1.1
LSB rms
Z-Axis
ODR = 100 Hz for ±2 g, 10-bit
resolution or all g ranges, full
resolution
1.5
LSB rms
OUTPUT DATA RATE AND BANDWIDTH
User selectable
Output Data Rate (ODR)4, 5, 6
0.10
3200
Hz
SELF-TEST7
Output Change in X-Axis
0.27
1.55
g
Output Change in Y-Axis
−1.55
−0.27
g
Output Change in Z-Axis
0.40
1.95
g
POWER SUPPLY
Operating Voltage Range (VS)
1.7
2.6
2.75
V
Interface Voltage Range (VDD I/O)
1.7
1.8
VS
V
Measurement Mode Supply Current
ODR ≥ 100 Hz
140
μA
ODR < 10 Hz
30
μA
Standby Mode Supply Current
0.2
μA
Turn-On and Wake-Up Time8
ODR = 3200 Hz
1.4
ms


Similar Part No. - ADXL346

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL346BCCZ AD-ADXL346BCCZ Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL346BCCZ-RL AD-ADXL346BCCZ-RL Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL346BCCZ-RL7 AD-ADXL346BCCZ-RL7 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
More results

Similar Description - ADXL346

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL344 AD-ADXL344 Datasheet
593Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital MEMS Accelerometer
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL313 AD-ADXL313 Datasheet
598Kb / 28P
   3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
REV. 0
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
   3-Axis, 짹16 g, I2S Digital Accelerometer
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com