Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXRS450BEYZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADXRS450BEYZ-RL
Description  HIgh Performance, Digital Output Gyroscope
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS450BEYZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXRS450BEYZ-RL Datasheet HTML 5Page - Analog Devices ADXRS450BEYZ-RL Datasheet HTML 6Page - Analog Devices ADXRS450BEYZ-RL Datasheet HTML 7Page - Analog Devices ADXRS450BEYZ-RL Datasheet HTML 8Page - Analog Devices ADXRS450BEYZ-RL Datasheet HTML 9Page - Analog Devices ADXRS450BEYZ-RL Datasheet HTML 10Page - Analog Devices ADXRS450BEYZ-RL Datasheet HTML 11Page - Analog Devices ADXRS450BEYZ-RL Datasheet HTML 12Page - Analog Devices ADXRS450BEYZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Preliminary Technical Data
ADXRS450
Rev. PrA | Page 9 of 28
THEORY OF OPERATION
The ADXRS450 operates on the principle of a resonator gyro-
scope. Figure 18 shows a simplified version of one of four
polysilicon sensing structures. Each sensing structure contains a
dither frame that is electrostatically driven to resonance. This
produces the necessary velocity element to produce a Coriolis
force when experiencing angular rate. In the SOIC_CAV
package, the ADXRS450 is designed to sense a Z-axis (yaw)
angular rate; whereas the vertical mount package orients the
device such that it can sense pitch or roll angular rate on the
same PCB.
When the sensing structure is exposed to angular rate, the
resulting Coriolis force couples into an outer sense frame,
which contains movable fingers that are placed between fixed
pickoff fingers. This forms a capacitive pickoff structure that
senses Coriolis motion. The resulting signal is fed to a series of
gain and demodulation stages that produce the electrical rate
signal output. The quad sensor design rejects linear and angular
acceleration, including external g-forces and vibration. This is
achieved by mechanically coupling the four sensing structures
such that external g-forces appear as common-mode signals
that can be removed by the fully differential architecture
implemented in the ADXRS450.
X
Y
Z
Figure 18. Simplified Gyroscope Sensing Structure
The resonator requires 22.5 V (typical) for operation. Because
only 5 V is typically available in most applications, a switching
regulator is included on-chip.
CONTINUOUS SELF-TEST
The ADXRS450 gyroscope utilizes a complete electro-
mechanical self test. An electrostatic force is applied to the
gyroscope frame, resulting in a deflection of the capacitive
sense fingers. This deflection is exactly equivalent to deflection
that occurs as a result of external rate input. The output from
the beam structure is processed by the same signal chain as a
true rate output signal, providing complete coverage of both the
electrical and mechanical components.
The electromechanical self test is performed continuously
during operation at a rate higher than the output bandwidth of
the device. The self-test routine generates equivalent positive
and negative rate deflections. This information can then be
filtered with no overall effect on the demodulated rate output.
RATE SIGNAL WITH
CONTINUOUS SELF TEST SIGNAL.
SELF TEST AMPLITUDE. INTERNALLY
COMPARED TO THE SPECIFICATION
TABLE LIMITS.
LOW FREQUENCY RATE INFORMATION.
Figure 19. Continuous Self-Test Demodulation
The difference amplitude between the positive and negative
self-test deflections is filtered to 2 Hz, and continuously
monitored and compared to hardcoded self-test limits. If the
measured amplitude exceeds these limits (listed in Table 1), one
of two error conditions is asserted depending on the magnitude
of self-test error. For less severe self-test error magnitudes, the
CST bit of the fault register is asserted; however, the status bits
(ST[1:0]) in the sensor data response remain set to 0b01 for
valid sensor data. For more severe self-test errors, the CST bit of
the fault register is asserted and the status bits (ST[1:0]) in the
sensor data response are set to 0b00 for invalid sensor data. The
thresholds for both of these failure conditions are listed in Table
1. If desired, the user can access the self-test information by
issuing a read command to the self-test memory register
(Address 0x04). See the SPI Communication Protocol section
for more information about error reporting.


Similar Part No. - ADXRS450BEYZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
More results

Similar Description - ADXRS450BEYZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
ADXRS453 AD-ADXRS453 Datasheet
998Kb / 32P
   High Performance , Digital Output Gyroscope
REV. 0
logo
STMicroelectronics
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
   3-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
logo
List of Unclassifed Man...
PMODGYRO2_RM ETC1-PMODGYRO2_RM Datasheet
239Kb / 2P
   The PmodGYRO2 features the Analog Devices ADXRS453 High Performance, Digital Output Gyroscope that is ideal for systems in need of a gyroscope for high vibration environments.
logo
Bosch Sensortec GmbH
BMG160 BOSCH-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com