Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF07-WBR-11S Datasheet(PDF) 7 Page - Hirose Electric

Part # LF07-WBR-11S
Description  Miniature Waterproof Shielded Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LF07-WBR-11S Datasheet(HTML) 7 Page - Hirose Electric

Back Button LF07-WBR-11S Datasheet HTML 3Page - Hirose Electric LF07-WBR-11S Datasheet HTML 4Page - Hirose Electric LF07-WBR-11S Datasheet HTML 5Page - Hirose Electric LF07-WBR-11S Datasheet HTML 6Page - Hirose Electric LF07-WBR-11S Datasheet HTML 7Page - Hirose Electric LF07-WBR-11S Datasheet HTML 8Page - Hirose Electric LF07-WBR-11S Datasheet HTML 9Page - Hirose Electric LF07-WBR-11S Datasheet HTML 10Page - Hirose Electric LF07-WBR-11S Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
LF Series
Miniature Waterproof Shielded Connectors
3
2
2
Cable preparation
Cable outer jacket
Shielding mesh
A
1
Tightening collar
Strain relief collar
Backshell
No.
1
Seal bushing
Cable
Cable preparation end
2
Shielding mesh
(Folded back)
Wires
Cable outer jacket
2
4 to 5mm
2
3
3
Table 2. Stripping Dimensions
Cable outer jacket
Wires
Shielding mesh
Cable outer jacket
B
Conductors
Wires
Stripping dimensions
Thread the tightening collar, strain relief collar,
seal bushing and the backshell over the cable
as illustrated.
Strip the cable’s outer jacket to the dimensions
illustrated in the table 1.
Fold back the shielding mesh over the cable’s
outer jacket assuring that it is uniform on its
diameter.
Strip the wires to the dimensions illustrated in
the Table 2.
Note
(1)
(2)
Exercise caution not to damage the shielding
mesh.
Any damage to the cable’s outer jacket may
affect the waterproof performance of the
assembled connector.
Note
When stripping the wires exercise caution not
to damage it’s insulation, folded over
shielding mesh or cable’s outer jacket.
Illustration
Operation
Table 1. Stripping Dimensions
Number of Conductors
A mm
3
6
8 to 9
4
13 to 14
12
11
20
14 to 15
23 to 24
23 to 24 (No.1 to 7)
22 to 23 (No.A to D)
2±0.5
3±0.5
2±0.5
Number of Conductors
B mm
3
6
2.5±0.5
4
12
11
20
2±0.5
2±0.5 (No.1 to 7)
3±0.5 (No.A to D)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - LF07-WBR-11S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
LF07BJ-T01 HIROSE-LF07BJ-T01 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07BP-T01 HIROSE-LF07BP-T01 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-3P HIROSE-LF07WBJ-3P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-3S HIROSE-LF07WBJ-3S Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-6P HIROSE-LF07WBJ-6P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

Similar Description - LF07-WBR-11S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com