Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXRS652BBGZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADXRS652BBGZ
Description  짹250째/sec Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS652BBGZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADXRS652BBGZ Datasheet HTML 4Page - Analog Devices ADXRS652BBGZ Datasheet HTML 5Page - Analog Devices ADXRS652BBGZ Datasheet HTML 6Page - Analog Devices ADXRS652BBGZ Datasheet HTML 7Page - Analog Devices ADXRS652BBGZ Datasheet HTML 8Page - Analog Devices ADXRS652BBGZ Datasheet HTML 9Page - Analog Devices ADXRS652BBGZ Datasheet HTML 10Page - Analog Devices ADXRS652BBGZ Datasheet HTML 11Page - Analog Devices ADXRS652BBGZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADXRS652
Rev. 0 | Page 8 of 12
0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
2.0
1.4
1.8
100
1k
10k
FREQUENCY (Hz)
LAT
LONG
RATE
Figure 16. Typical Response to 10 g Sinusoidal Vibration
(Sensor Bandwidth = 40 Hz)
400
300
200
100
0
–100
–200
–300
–400
0250
150
100
200
50
TIME (ms)
DUT1 OFFSET BY +200°/sec
DUT2 OFFSET BY –200°/sec
Figure 17. Typical High g (2500 g) Shock Response
(Sensor Bandwidth = 40 Hz)
1
0.1
0.01
0.001
0.01
0.1
100k
10k
1k
100
10
1
AVERAGING TIME (Seconds)
Figure 18. Typical Root Allan Deviation at 25°C vs. Averaging Time
0.10
–0.05
0
0.05
–0.10
0
140
120
100
80
60
40
20
TIME (Hours)
Figure 19. Typical Shift in 90 sec Null Averages Accumulated
over 140 Hours
0.10
0.05
0
–0.05
–0.10
0
3600
1800
1200
3000
2400
600
TIME (Seconds)
Figure 20. Typical Shift in Short Term Null (Bandwidth = 1 Hz)
0.1
0.001
0.01
0.0001
10
100k
1k
100
FREQUENCY (Hz)
10k
Figure 21. Typical Noise Spectral Density (Bandwidth = 40 Hz)


Similar Part No. - ADXRS652BBGZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610BBGZ AD-ADXRS610BBGZ Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610BBGZ-RL AD-ADXRS610BBGZ-RL Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results

Similar Description - ADXRS652BBGZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADIS16080 AD-ADIS16080 Datasheet
618Kb / 16P
   짹80째/sec Yaw Rate Gyro with SPI Interface
REV. 0
ADIS16100 AD-ADIS16100 Datasheet
421Kb / 16P
   -300째/sec Yaw Rate Gyro with SPI Interface
REV. A
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com