Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX40-20S Datasheet(PDF) 4 Page - Hirose Electric

Part # LX40-20S
Description  Ultra Low-profile Interface Connectors with 2.0 mm Mounting Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LX40-20S Datasheet(HTML) 4 Page - Hirose Electric

  LX40-20S Datasheet HTML 1Page - Hirose Electric LX40-20S Datasheet HTML 2Page - Hirose Electric LX40-20S Datasheet HTML 3Page - Hirose Electric LX40-20S Datasheet HTML 4Page - Hirose Electric LX40-20S Datasheet HTML 5Page - Hirose Electric LX40-20S Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
LX Series
Ultra Low-profile Interface Connectors with 2.0 mm Mounting Height
* Cable with overmolded bushing shown for reference only.
Not supplied.
■Plugs
Part number
CL No.
Packaging
RoHS
LX40-12P
LX40-16P
LX40-20P
CL245-0019-6
CL245-0002-3
CL245-0017-0
1
YES
●12 pos.
●16 pos.
●20 pos.
14.8
(R3.2)
(R1.4)
No.12
8
5.1
No.1
No.1
(R1.4)
16.8
(R3.8)
No.16
8
5.1
(R3.8)
18.8
5.5
8.4
No.20
No.1
■Bushing
Part number
CL No.
Packaging
RoHS
LX40-12BS(4.0)
LX40-16BS(4.5)
LX40-20BS(5.0)
CL245-0020-5
CL245-0021-8
CL245-0022-0
100 pieces / bag
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - LX40-20S

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
LX4008T001AC MRV-LX4008T001AC Datasheet
408Kb / 2P
   LX Series
LX4008T011DC MRV-LX4008T011DC Datasheet
408Kb / 2P
   LX Series
LX4008T101AC MRV-LX4008T101AC Datasheet
408Kb / 2P
   LX Series
LX4008T111DC MRV-LX4008T111DC Datasheet
408Kb / 2P
   LX Series
logo
Polyfet RF Devices
LX401 POLYFET-LX401 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
More results

Similar Description - LX40-20S

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-VXO-97 ECS-ECS-VXO-97 Datasheet
346Kb / 1P
   2.0 mm low profile
logo
PETERMANN-TECHNIK
MS2 PETERMANN-MS2 Datasheet
70Kb / 1P
   HIGH RELIABILITY FOR LOW COST LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
MS4 PETERMANN-MS4 Datasheet
69Kb / 1P
   HIGH RELIABILITY FOR LOW COST LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
logo
MMD Components
WC146SM MMD-WC146SM_18 Datasheet
118Kb / 2P
   Ultra Low Profile with 1.4mm Height max
logo
Omron Electronics LLC
A6H4102P OMRON-A6H4102P Datasheet
393Kb / 4P
   Ultra-low Profile, Half-pitch, Surface-mounting DIP Switch
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
logo
Power System Technology
PST21 PST-PST21 Datasheet
512Kb / 6P
   Chassis mounting applications, low profile
logo
Hirose Electric
GX60-18P HIROSE-GX60-18P Datasheet
294Kb / 5P
   0.4 mm Pitch, Space-saving Interface Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com