Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-6WS-CV Datasheet(PDF) 2 Page - Hirose Electric

Part # PX-6WS-CV
Description  Power Supply Connectors For Industrial Equipment
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PX-6WS-CV Datasheet(HTML) 2 Page - Hirose Electric

  PX-6WS-CV Datasheet HTML 1Page - Hirose Electric PX-6WS-CV Datasheet HTML 2Page - Hirose Electric PX-6WS-CV Datasheet HTML 3Page - Hirose Electric PX-6WS-CV Datasheet HTML 4Page - Hirose Electric PX-6WS-CV Datasheet HTML 5Page - Hirose Electric PX-6WS-CV Datasheet HTML 6Page - Hirose Electric PX-6WS-CV Datasheet HTML 7Page - Hirose Electric PX-6WS-CV Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
sProduct Specifications
sMaterials
Parts
Contacts
Insulator
Metal fixture
Copper alloy
PBT (UL94V-0)
Copper alloy
Gold plating
Tin reflow plating
Material
Finish
B
Comparison In Size With Conventional Equivalent
Plug
Width
Height
Depth
Width
Height
Depth
34.2
07.0
23.0
28.0
14.8
27.4
44.94
07.15
22.80
39.40
18.47
27.18
Receptacle
PX
A company-made
Description
1.Contact resistance
2.Insulation resistance
3.Withstanding voltage
10mø max.
1000Mø min.
No flashover or insulation breakdown.
100mA
500V DC
2200V AC / 1 minute.
1000 cycles
Frequency:10 to 55Hz,single amplitude of 0.75mm,
2 hours,3axis
Acceleration: 490m/s2 Duration: 11ms
Test at sine half-wave, 3 axes, bi-directional three times, respectively.
Temperature : -55/+5~+35/+85/+5~+35ç
Time
: -30/+
10~+15/+30/+
10~15Minutes
5 cycles
96 hours at 40±2ç and humidity of 90~95%
5% salt water for 48 hours
Contact resistance : 20mø max.
No damage, cracks or looseness of parts
No electrical discontinuity of 10µs or more.
Contact resistance : 20mø max.
No damage, cracks or looseness of parts
Contact resistance : 20mø max.
Insulation resistance : 1000Mø min.
No damage, cracks or looseness of parts
Contact resistance : 20mø max.
Insulation resistance : 1000Mø min.
No damage, cracks or looseness of parts
No corrosions
4.Durability
5.Vibration
6.Shock
9.Salt spray
7.Temperature cycle
8.Humidity
Specifications
Requirements
Ratings
Operating temperature range
Voltage rating
Current rating
-55ç~+105ç
600V AC
10A
For volume ratio, plug is downsized to : nearly 65%; and
receptacle : nearly 55%.
(mm)
Plug
Receptacle
width
7
1
12
6
R
S
width
A
F
A
A
F
F
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PX-6WS-CV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PX-6WS-CV HIROSE-PX-6WS-CV Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX-6WS-CV HIROSE-PX-6WS-CV Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
More results

Similar Description - PX-6WS-CV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Vitec Power
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA40-SERIES Vitec-SIDA40-SERIES Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
SIDA16C Vitec-SIDA16C Datasheet
361Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA25B Vitec-SIDA25B Datasheet
389Kb / 2P
   25W Desktop Power Supply for Industrial Equipment
SIDA31 Vitec-SIDA31 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA16A-SERIES Vitec-SIDA16A-SERIES Datasheet
422Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16B-SERIES Vitec-SIDA16B-SERIES Datasheet
346Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com