Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LX60-16S Datasheet(PDF) 2 Page - Hirose Electric

Part No. LX60-16S
Description  Ultra Low-profile Interface Connectors with 2.0 mm Mounting Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LX60-16S Datasheet(HTML) 2 Page - Hirose Electric

  LX60-16S Datasheet HTML 1Page - Hirose Electric LX60-16S Datasheet HTML 2Page - Hirose Electric LX60-16S Datasheet HTML 3Page - Hirose Electric LX60-16S Datasheet HTML 4Page - Hirose Electric LX60-16S Datasheet HTML 5Page - Hirose Electric LX60-16S Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
LX Series
Ultra Low-profile Interface Connectors with 2.0 mm Mounting Height
■Product specifications
■Materials / Finish
Insulator
Contacts
Shell
Synthetic resin
Copper alloy
Stainless steel
Black
Contact area: Gold plated
Mounting area: Gold flash plated
Soldering area: Gold flash plated
UL94V-0
--------------
--------------
Component
Material
Finish/Color
Remarks
Note : Includes temperature rise caused by current flow.
■Ordering information
-
S
16
60
LX
1
2
3
4
-
P
16
40
LX
1
2
3
4
●Receptacles
●Plugs
-
BS(4.5)
16
40
LX
1
2
3
5
●Bushing
Ratings
Current rating
Voltage rating
0.5A
(1A max. can be carried via 2 random contacts)
50V AC
Operating temperature range : – 40ç to +70ç
Storage temperature range : – 55ç to +85ç (Note)
●Plugs
●Receptacles
Insulator
Contacts
Metal shield
Covers
Strain relief clamp
Self tapping screws
Synthetic resin
Copper alloy
Stainless steel
Synthetic resin
Copper alloy
Steel
Black
Contact area: Gold plated
Termination area: Gold flash plated
--------------
Black
--------------
Trivalent black chromate
UL94V-0
--------------
--------------
UL94V-0
--------------
Screw size: M2
Component
Material
Finish/Color
Remarks
70mø max.
1000 Mø min. (dry)
10 Mø min. (high humidity)
No flashover or insulation breakdown.
Mating: 10N max., un-mating: 4N min.
Amount of change of contact resistance: 20mø max.
No electrical discontinuity of 1μ sec. Max.
Contact resistance: 20mø max.
Contact resistance: 20mø max.
Insulation resistance: 10Mø min.
Contact resistance: 20mø max.
Insulation resistance: 10Mø min.
No heavy corrosions
100mA DC
100V DC
250V AC / one minute
With corresponding connector.
5, 000 times
Acceleration of 490 m/s2, 11 ms duration,
sine half-wave waveform, 3 cycles, 3 axis.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
acceleration of 98 m/s2, 2 hours, 3 axis.
Temperature: – 55ç
➝ +5ç to +35ç ➝ +85ç ➝ +5ç to +35ç
Time
: 30
➝ 5
➝ 30
➝ 5 (Minutes)
5% water solution at 35°C for 48 hours
1.Contact resistance
2.Insulation resistance
3.Withstanding voltage
4.Mating/un-mating forces
5. Durability
(mating/un-mating)
6. Shock
7. Vibration
8. Temperature cycle
9. Salt spray
Characteristic
Specification
Conditions
Series number
: LX
Termination type
40 : Solder type
60 : Right angle SMT
Number of contacts : 12, 16, 20
Contact type
P : Male contact (Plug)
S : Female contact (Receptacle)
Bushing : Dia. 4.0mm cable
BS(4.0)
BS(4.5)
BS(5.0)
1
2
3
4
5
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - LX60-16S

ManufacturerPart No.DatasheetDescription
Banner Engineering Corp.
Banner Engineering Corp...
LX6 BANNER-LX6 Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
Microsemi Corporation
Microsemi Corporation
LX6431 MICROSEMI-LX6431 Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431 MICROSEMI-LX6431 Datasheet
405Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431A MICROSEMI-LX6431A Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431ACDM MICROSEMI-LX6431ACDM Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
More results

Similar Description - LX60-16S

ManufacturerPart No.DatasheetDescription
ECS, Inc.
ECS, Inc.
ECS-VXO-97 ECS-ECS-VXO-97 Datasheet
346Kb / 1P
   2.0 mm low profile
MMD Components
MMD Components
WC146SM MMD-WC146SM_18 Datasheet
118Kb / 2P
   Ultra Low Profile with 1.4mm Height max
PETERMANN-TECHNIK
PETERMANN-TECHNIK
MS2 PETERMANN-MS2 Datasheet
70Kb / 1P
   HIGH RELIABILITY FOR LOW COST LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
MS4 PETERMANN-MS4 Datasheet
69Kb / 1P
   HIGH RELIABILITY FOR LOW COST LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
Vishay Siliconix
Vishay Siliconix
DFN VISHAY-DFN Datasheet
110Kb / 3P
   Low profile 1 mm seated height
Hirose Electric
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
List of Unclassifed Manufacturers
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
TEMEX
TEMEX
RSO2520Z TEMEX-RSO2520Z Datasheet
476Kb / 7P
   Low height profile
RSX5032C TEMEX-RSX5032C Datasheet
362Kb / 4P
   Low height profile
Hirose Electric
Hirose Electric
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz