Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX30AM-36P Datasheet(PDF) 11 Page - Hirose Electric

Part # DX30AM-36P
Description  HIGH-DENSITY I/O CONNECTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DX30AM-36P Datasheet(HTML) 11 Page - Hirose Electric

Back Button DX30AM-36P Datasheet HTML 7Page - Hirose Electric DX30AM-36P Datasheet HTML 8Page - Hirose Electric DX30AM-36P Datasheet HTML 9Page - Hirose Electric DX30AM-36P Datasheet HTML 10Page - Hirose Electric DX30AM-36P Datasheet HTML 11Page - Hirose Electric DX30AM-36P Datasheet HTML 12Page - Hirose Electric DX30AM-36P Datasheet HTML 13Page - Hirose Electric DX30AM-36P Datasheet HTML 14Page - Hirose Electric DX30AM-36P Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
233
7.2 Die Cast Cover
List of Engagement Combinations
DX30M-68-CV2
HRS No.
No.of pin
Parts No.
A
B
C
Applicable plug unit
IDC type
RoHS
CL230-5059-9
CL230-5060-8
CL230-5061-0
68
80
100
DX30M-68-CV2
DX30M-80-CV2
DX30M-100-CV2
11.00
12.50
14.00
64.93 49.68
DX30AM-68P
DX30AM-80P
DX30AM-100P
YES
72.55 57.30
85.25 70.00
Unit: mm
Cover case and plug unit
Right angle type
Receptacle
Straight DIP type
Ribbon cable type
DX30M-68-CV2+DX30AM-68P
DX30M-80-CV2+DX30AM-80P
DX30M-100-CV2+DX30AM-100P
DX10BM-68S(50),DX10BM-68SE(50)
DX10BM-80S(50),DX10BM-80SE(50)
DX10BM-100S(50),DX10BM-100SE(50)
DX33AM-68S-LNA(50)
DX20BM-68S(50)
DX20BM-80S(50)
DX20BM-100S(50)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
04/2009


Similar Part No. - DX30AM-36P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DX30AM-36P ETC-DX30AM-36P Datasheet
6Mb / 18P
   DXM (1.27MM PITCH&ISERIES HIGH-DENSITY 1/0 CONNECTOR
04/2009
More results

Similar Description - DX30AM-36P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DX30M-50-CV HIROSE-DX30M-50-CV Datasheet
1Mb / 10P
   DXM SERIES HIGH-DENSITY I/O CONNECTOR
logo
Red Lion Controls. Inc
E3_IO REDLION-E3_IO Datasheet
636Kb / 3P
   Rugged High-Density I/O Modules
logo
Hirose Electric
DX30AJ-26P-CP3 HIROSE-DX30AJ-26P-CP3 Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
logo
IDEC Corporation
FC4A-J8C1 IDEC-FC4A-J8C1 Datasheet
212Kb / 2P
   PLC High Density Analog I/O Module
logo
Red Lion Controls. Inc
RAM-9000 REDLION-RAM-9000 Datasheet
452Kb / 3P
   High-Density I/O RTUs with GPS and Local Control
logo
Allen-Bradley
1734-IE8C ALLEN-BRADLEY-1734-IE8C Datasheet
1Mb / 14P
   POINT I/O 8 Channel High Density Current Input Module
September 2022
logo
List of Unclassifed Man...
PCI-8056 ETC2-PCI-8056 Datasheet
63Kb / 2P
   High Density, Isolated 32 D/I and 24 D/O Board
logo
Molex Electronics Ltd.
0482036762 MOLEX6-0482036762 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle
0482036063 MOLEX6-0482036063 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle
logo
MolexKits
76650-0006 MOLEXKITS-76650-0006 Datasheet
38Kb / 2P
   SMT High Speed I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com