Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7021-V Datasheet(PDF) 9 Page - Analog Devices

Part # ADF7021-V
Description  HIgh Performance Narrow-Band Transceiver IC
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021-V Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF7021-V Datasheet HTML 5Page - Analog Devices ADF7021-V Datasheet HTML 6Page - Analog Devices ADF7021-V Datasheet HTML 7Page - Analog Devices ADF7021-V Datasheet HTML 8Page - Analog Devices ADF7021-V Datasheet HTML 9Page - Analog Devices ADF7021-V Datasheet HTML 10Page - Analog Devices ADF7021-V Datasheet HTML 11Page - Analog Devices ADF7021-V Datasheet HTML 12Page - Analog Devices ADF7021-V Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
ADF7021-V
Rev. 0 | Page 9 of 60
DIGITAL SPECIFICATIONS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TIMING INFORMATION
Chip Enabled to Regulator
Ready
50
μs
CREG[1:4] = 100 nF
Chip Enabled to Tx Mode
32-bit register write time = 50 μs
TCXO Reference
1
ms
Depends on VCO settling
XTAL
2
ms
Depends on VCO settling
Chip Enabled to Rx Mode
32-bit register write time = 50 μs, IF filter coarse
calibration only
TCXO Reference
1.2
ms
Depends on VCO settling
XTAL
2.2
ms
Depends on VCO settling
Tx-to-Rx Turnaround Time
AGC settling +
(5 × tBIT)
ms
Time to synchronized data output; includes AGC
settling (three AGC levels) and CDR synchronization;
tBIT = data bit period; AFC settling not included
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDD
V
Input Low Voltage, VINL
0.2 × VDD
V
Input Current, IINH/IINL
±1
μA
Input Capacitance, CIN
10
pF
Control Clock Input
50
MHz
LOGIC OUTPUTS
Output High Voltage, VOH
VDD2 − 0.4
V
IOH = 500 μA
Output Low Voltage, VOL
0.4
V
IOL = 500 μA
CLKOUT Rise/Fall Time
5
ns
CLKOUT Load
10
pF


Similar Part No. - ADF7021-V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL1 AD-ADF7021-NBCPZ-RL1 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL71 AD-ADF7021-NBCPZ-RL71 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ1 AD-ADF7021-NBCPZ1 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NDF AD-ADF7021-NDF Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
More results

Similar Description - ADF7021-V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com