Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP34L-5P-3SC Datasheet(PDF) 5 Page - Hirose Electric

Part # RP34L-5P-3SC
Description  Low Profile Connectors for AC power supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP34L-5P-3SC Datasheet(HTML) 5 Page - Hirose Electric

  RP34L-5P-3SC Datasheet HTML 1Page - Hirose Electric RP34L-5P-3SC Datasheet HTML 2Page - Hirose Electric RP34L-5P-3SC Datasheet HTML 3Page - Hirose Electric RP34L-5P-3SC Datasheet HTML 4Page - Hirose Electric RP34L-5P-3SC Datasheet HTML 5Page - Hirose Electric RP34L-5P-3SC Datasheet HTML 6Page - Hirose Electric RP34L-5P-3SC Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
sCrimp contact
sApplicable Tools
sRP34L-SC1-212(01)
Part Number
RP34L-SC1-212(01)
113-5151-8-01
YES
CL No.
RoHS
Type
CL No.
Part Number
Applicable contact
Applicable conductor
Manual crimping tool
Cable crimping tool
Drawing tool
Crimper
Automatic
Crimper body
--------------
901-0005-4
901-2043-4
150-0074-1
150-0039-0
HT-102/RP34L-SC1-212
CM-105
AP105-RP34L-SC1-212
RP34-TC-01
RP6-SC-TP
RP34L-SC1-112(01)
--------------
RP34L-SC1-212(01)
--------------
--------------
AWG#18~#22
--------------
AWG#18~#22
Ø
4
--------------
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RP34L-5P-3SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP34L-5P-3SC HIROSE-RP34L-5P-3SC Datasheet
366Kb / 7P
   Low Profile Connectors for AC power supply
More results

Similar Description - RP34L-5P-3SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP34L-5PA-2SC HIROSE-RP34L-5PA-2SC Datasheet
366Kb / 7P
   Low Profile Connectors for AC power supply
logo
Recom International Pow...
RAC02-C RECOM-RAC02-C Datasheet
81Kb / 2P
   Ultracompact Low Profile AC-DC Power Supply
logo
Hirose Electric
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
logo
Wall Industries,Inc.
PSSUU100 WALL-PSSUU100 Datasheet
100Kb / 2P
   AC/DC Power Supply for I.T.E.
logo
NTE Electronics
69-ELD30 NTE-69-ELD30 Datasheet
104Kb / 1P
   AC Power Supply for EL Wire
logo
B&K Precision Corporati...
1655A BK-1655A Datasheet
322Kb / 1P
   AC Power Supply
logo
Pepperl+Fuchs Inc.
PSU1200-J2-AC-N0 PF-PSU1200-J2-AC-N0 Datasheet
519Kb / 3P
   AC Power Supply
PSU1100-J1-AC-N0 PF-PSU1100-J1-AC-N0 Datasheet
519Kb / 3P
   AC Power Supply
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com