Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CED1Z Datasheet(PDF) 9 Page - Analog Devices

Part # CED1Z
Description  8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CED1Z Datasheet(HTML) 9 Page - Analog Devices

Back Button CED1Z Datasheet HTML 5Page - Analog Devices CED1Z Datasheet HTML 6Page - Analog Devices CED1Z Datasheet HTML 7Page - Analog Devices CED1Z Datasheet HTML 8Page - Analog Devices CED1Z Datasheet HTML 9Page - Analog Devices CED1Z Datasheet HTML 10Page - Analog Devices CED1Z Datasheet HTML 11Page - Analog Devices CED1Z Datasheet HTML 12Page - Analog Devices CED1Z Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD7606/AD7606-6/AD7606-4
Rev. 0 | Page 9 of 36
Limit at TMIN, TMAX
Parameter
Min
Typ
Max
Unit
Description
t27
Delay from RD falling edge to FRSTDATA low
19
ns
VDRIVE = 3.3 V to 5.25V
24
ns
VDRIVE = 2.3 V to 2.7V
t28
Delay from 16th SCLK falling edge to FRSTDATA low
17
ns
VDRIVE = 3.3 V to 5.25V
22
ns
VDRIVE = 2.3 V to 2.7V
t29
24
ns
Delay from CS rising edge until FRSTDATA three-state enabled
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDRIVE) and timed from a voltage level of 1.6 V.
2 In oversampling mode, typical tCONV for the AD7606-6 and AD7606-4 can be calculated using ((N × tCONV) + ((N − 1) × 1 μs)). N is the oversampling ratio. For the AD7606-6,
tCONV = 3 μs; and for the AD7606-4, tCONV = 2 μs.
3 The delay between the CONVST x signals was measured as the maximum time allowed while ensuring a <10 LSB performance matching between channel sets.
4 A buffer is used on the data output pins for these measurements, which is equivalent to a load of 20 pF on the output pins.
Timing Diagrams
tCYCLE
t3
t5
t2
t4
t1
t7
tRESET
tCONV
CONVST A,
CONVST B
CONVST A,
CONVST B
BUSY
CS
RESET
Figure 2. CONVST Timing—Reading After a Conversion
tCYCLE
t3
t5
t6
t2
t1
tCONV
CONVST A,
CONVST B
CONVST A,
CONVST B
BUSY
CS
t7
tRESET
RESET
Figure 3. CONVST Timing—Reading During a Conversion
DATA:
DB[15:0]
FRSTDATA
CS
RD
INVALID
V1
V2
V3
V7
V8
V4
t10
t8
t13
t24
t26
t27
t14
t11
t15
t9
t16
t17
t29
Figure 4. Parallel Mode, Separate CS and RD Pulses


Similar Part No. - CED1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CED1Z AD-CED1Z Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit
REV. A
CED1Z AD-CED1Z Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
CED1Z AD-CED1Z Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
CED1Z AD-CED1Z Datasheet
878Kb / 37P
   8-Channel Differential DAS
More results

Similar Description - CED1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7605-4 AD-AD7605-4 Datasheet
720Kb / 28P
   4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
   8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7616 AD-AD7616 Datasheet
1Mb / 51P
   16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7616-P AD-AD7616-P Datasheet
848Kb / 47P
   16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7606C-16 AD-AD7606C-16 Datasheet
1Mb / 74P
   8-Channel DAS with 16-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com