Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMD63C03X Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXMD63C03X
Description  30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMD63C03X Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXMD63C03X Datasheet HTML 1Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 2Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 3Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 4Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 5Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 6Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 7Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 8Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ZXMD63C03X
17
N-CHANNEL
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
30
V
ID=250µA, VGS=0V
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS=30V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS=± 20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
1.0
V
ID=250µA, VDS= VGS
Static Drain-Source On-State Resistance
(1)
RDS(on)
0.135
0.200
VGS=10V, ID=1.7A
VGS=4.5V, ID=0.85A
Forward Transconductance (3)
gfs
1.9
S
VDS=10V,ID=0.85A
DYNAMIC (3)
Input Capacitance
Ciss
290
pF
VDS=25 V, VGS=0V,
f=1MHz
Output Capacitance
Coss
70
pF
Reverse Transfer Capacitance
Crss
20
pF
SWITCHING(2) (3)
Turn-On Delay Time
td(on)
2.5
ns
VDD =15V, ID=1.7A
RG=6.1Ω, RD=8.7Ω
(Refer to test
circuit)
Rise Time
tr
4.1
ns
Turn-Off Delay Time
td(off)
9.6
ns
Fall Time
tf
4.4
ns
Total Gate Charge
Qg
8nC
VDS=24V,VGS=10V,
ID=1.7A
(Refer to test
circuit)
Gate-Source Charge
Qgs
1.2
nC
Gate Drain Charge
Qgd
2nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
VSD
0.95
V
Tj=25°C, IS=1.7A,
VGS=0V
Reverse Recovery Time (3)
trr
16.9
ns
Tj=25°C, IF=1.7A,
di/dt= 100A/
µs
Reverse Recovery Charge(3)
Qrr
9.5
nC
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.
PROVISIONAL ISSUE A - JUNE 1999


Similar Part No. - ZXMD63C03X

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63C03X ZETEX-ZXMD63C03X Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03X DIODES-ZXMD63C03X Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63C03XTA ZETEX-ZXMD63C03XTA Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03XTA DIODES-ZXMD63C03XTA Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63C03XTC ZETEX-ZXMD63C03XTC Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMD63C03X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMD63C03X DIODES-ZXMD63C03X_15 Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63C03X ZETEX-ZXMD63C03X_05 Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03X DIODES-ZXMD63C03X Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Zetex Semiconductors
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
155Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 ZETEX-ZXMP3A17DN8 Datasheet
122Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com