Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC28F640J3D-75 Datasheet(PDF) 1 Page - Numonyx B.V

Part # PC28F640J3D-75
Description  Numonyx??Embedded Flash Memory (J3 v. D)
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC28F640J3D-75 Datasheet(HTML) 1 Page - Numonyx B.V

  PC28F640J3D-75 Datasheet HTML 1Page - Numonyx B.V PC28F640J3D-75 Datasheet HTML 2Page - Numonyx B.V PC28F640J3D-75 Datasheet HTML 3Page - Numonyx B.V PC28F640J3D-75 Datasheet HTML 4Page - Numonyx B.V PC28F640J3D-75 Datasheet HTML 5Page - Numonyx B.V PC28F640J3D-75 Datasheet HTML 6Page - Numonyx B.V PC28F640J3D-75 Datasheet HTML 7Page - Numonyx B.V PC28F640J3D-75 Datasheet HTML 8Page - Numonyx B.V PC28F640J3D-75 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
308551-05
November 2007
Numonyx™ Embedded Flash Memory
(J3 v. D)
32, 64, 128, and 256 Mbit
Datasheet
Product Features
Architecture
— High-density symmetrical 128-Kbyte blocks
— 256 Mbit (256 blocks)
— 128 Mbit (128 blocks)
— 64 Mbit (64 blocks)
— 32 Mbit (32 blocks)
Performance
— 75 ns Initial Access Speed (128/64/32
-Mbit densities)
— 95 ns Initial Access Speed (256 Mbit only)
— 25 ns 8-word and 4-word Asynchronous
page-mode reads
— 32-Byte Write buffer
— 4 µs per Byte Effective programming time
System Voltage and Power
—VCC = 2.7 V to 3.6 V
—VCCQ = 2.7 V to 3.6 V
Packaging
— 56-Lead TSOP package (32, 64, 128 Mbit
only)
— 64-Ball Numonyx Easy BGA package (32,
42, 128 and 256 Mbit)
Security
— Enhanced security options for code
protection
— 128-bit Protection Register
— 64-bit Unique device identifier
— 64-bit User-programmable OTP cells
— Absolute protection with VPEN = GND
— Individual block locking
— Block erase/program lockout during power
transitions
Software
— Program and erase suspend support
— Flash Data Integrator (FDI), Common Flash
Interface (CFI) Compatible
Quality and Reliability
— Operating temperature:
-40 °C to +85 °C
— 100K Minimum erase cycles per block
— 0.13 µm ETOX™ VIII Process


Similar Part No. - PC28F640J3D-75

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PC28F640J3A-110 INTEL-PC28F640J3A-110 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
PC28F640J3A-115 INTEL-PC28F640J3A-115 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
PC28F640J3A-120 INTEL-PC28F640J3A-120 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
PC28F640J3A-125 INTEL-PC28F640J3A-125 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
PC28F640J3A-150 INTEL-PC28F640J3A-150 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
More results

Similar Description - PC28F640J3D-75

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
JS28F320J3F75 NUMONYX-JS28F320J3F75 Datasheet
776Kb / 67P
   Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Numonyx B.V
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
logo
Micron Technology
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
JS28F640J3F75A MICRON-JS28F640J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com