Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXMD63C02X Datasheet(PDF) 4 Page - Zetex Semiconductors

Part No. ZXMD63C02X
Description  20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZXMD63C02X Datasheet(HTML) 4 Page - Zetex Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
P-CHANNEL CHARACTERISTICS
0.1
10
100
0.0001
0.1
100
080
160
VDS - Drain-Source Voltage (V)
Safe Operating Area
0.1
10
100
DC
1s
100ms
D=0.1
D=0.2
120
60
D=0.05
0
Pulse Width (s)
Transient Thermal Impedance
1.4
0.8
0
T - Temperature (°)
Derating Curve
Refer Note (b)
Single Pulse
D=0.5
10ms
1ms
100µs
Pulse Width (s)
100
40
80
20
0.01
10
0.001
1
160
80
0
0.0001
1000
0.001 0.01
0.1
1
10
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
D=0.05
Single Pulse
100
140
60
120
100
40
20
Refer Note (a)
1.2
0.6
1.0
0.4
0.2
60
140
20
40
100
120
1
1
Refer Note (a)
Refer Note (a)
Refer Note (b)
ZXMD63C02X
4
PROVISIONAL ISSUE A - JUNE 1999


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APM2701CGDual Enhancement Mode MOSFET N and P-Channel 1 2 3 4 5 MoreAnpec Electronics Coropration
ZXMD63P02XDUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXMD65P02N8DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 Zetex Semiconductors
TSM7104D20V Dual P-Channel Enhancement Mode MOSFET 1 2 3 Taiwan Semiconductor Company, Ltd
ZXMD63C03X30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
AF2301P20V P-Channel Enhancement Mode MOSFET 1 2 3 4 Anachip Corp
TSM230120V P-Channel Enhancement Mode MOSFET 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
TSM9926D20V Dual N-Channel Enhancement Mode MOSFET 1 2 3 Taiwan Semiconductor Company, Ltd
ZXMD63P03XDUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
APM2103SGDual P-Channel Enhancement Mode MOSFET 1 2 3 4 5 MoreAnpec Electronics Coropration

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn