Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8728SPAG Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728SPAG
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728SPAG Datasheet(HTML) 3 Page - Texas Instruments

  DAC8728SPAG Datasheet HTML 1Page - Texas Instruments DAC8728SPAG Datasheet HTML 2Page - Texas Instruments DAC8728SPAG Datasheet HTML 3Page - Texas Instruments DAC8728SPAG Datasheet HTML 4Page - Texas Instruments DAC8728SPAG Datasheet HTML 5Page - Texas Instruments DAC8728SPAG Datasheet HTML 6Page - Texas Instruments DAC8728SPAG Datasheet HTML 7Page - Texas Instruments DAC8728SPAG Datasheet HTML 8Page - Texas Instruments DAC8728SPAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
DAC8728
www.ti.com
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
ELECTRICAL CHARACTERISTICS: Dual-Supply
All specifications at TA = TMIN to TMAX, AVDD = +16.5V, AVSS = –16.5V, DVDD = +5V, REF-A and REF-B = +5V, gain = 6,
AGND-x = DGND = 0V, and Offset DAC A and Offset DAC B are at default values
(1), unless otherwise noted.
DAC8728
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
16
Bits
Linearity error
Measured by line passing through codes 0000h and FFFFh
±4
LSB
Differential linearity error
Measured by line passing through codes 0000h and FFFFh
±1
LSB
TA = +25°C, before user calibration, gain = 6, code = 8000h
±10
LSB
Bipolar zero error
TA = +25°C, before user calibration, gain = 4, code = 8000h
±15
LSB
TA = +25°C, after user calib., gain = 4 or 6, code = 8000h
±1
LSB
Bipolar zero error TC
Gain = 4 or 6, code = 8000h
±0.5
±2
ppm FSR/°C
TA = +25°C, gain = 6, code = 0000h
±10
LSB
Zero-code error
TA = +25°C, gain = 4, code = 0000h
±15
LSB
Zero-code error TC
Gain = 4 or 6, code = 0000h
±0.5
±3
ppm FSR/°C
TA = +25°C, gain = 6
±10
LSB
Gain error
TA = +25°C, gain = 4
±15
LSB
Gain error TC
Gain = 4 or 6
±1
±3
ppm FSR/°C
TA = +25°C, before user calibration, gain = 6, code = FFFFh
±10
LSB
Full-scale error
TA = +25°C, before user calibration, gain = 4, code = FFFFh
±15
LSB
TA = +25°C, after user calib., gain = 4 or 6, code = FFFFh
±1
LSB
Full-scale error TC
Gain = 4 or 6, code = FFFFh
±0.5
±3
ppm FSR/°C
Measured channel at code = 8000h, full-scale change on any
DC crosstalk(2)
0.2
LSB
other channel
(1)
Offset DAC A and Offset DAC B are trimmed in manufacturing to minimize the error for symmetrical output. The default value may vary
no more than ±10 LSB from the nominal number listed in Table 8. These pins are not intended to drive an external load, and must not
be connected during dual-supply operation.
(2)
The DAC outputs are buffered by op amps that share common AVDD and AVSS power supplies. DC crosstalk indicates how much dc
change in one or more channel outputs may occur when the dc load current changes in one channel (because of an update). With
high-impedance loads, the effect is virtually immeasurable. Multiple AVDD and AVSS terminals are provided to minimize dc crosstalk.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC8728


Similar Part No. - DAC8728SPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8728 TI1-DAC8728 Datasheet
1Mb / 56P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI1-DAC8728_14 Datasheet
1Mb / 56P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8728SPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8728 TI1-DAC8728_14 Datasheet
1Mb / 56P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8228 TI1-DAC8228 Datasheet
1Mb / 55P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7728 TI-DAC7728 Datasheet
1Mb / 54P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718_10 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718_101 TI-DAC8718_101 Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI-DAC8218 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI1-DAC7718_14 Datasheet
1Mb / 64P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI-DAC7718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com